Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RKP301KJ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RKP301KJ
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP301KJ Datasheet(HTML) 1 Page - Renesas Technology Corp

  RKP301KJ Datasheet HTML 1Page - Renesas Technology Corp RKP301KJ Datasheet HTML 2Page - Renesas Technology Corp RKP301KJ Datasheet HTML 3Page - Renesas Technology Corp RKP301KJ Datasheet HTML 4Page - Renesas Technology Corp RKP301KJ Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G1686-0100 Rev.1.00 May 30, 2008
Page 1 of 4
RKP301KJ
Silicon Epitaxial Planar Pin Diode for Antenna Switching
REJ03G1686-0100
Rev.1.00
May 30, 2008
Features
• Low capacitance. (C = 0.30 pF max)
• Low forward resistance. (rf = 2.5 Ω max)
• Ultra small Flat Lead Package (UFP) is suitable for surface mount design.
Ordering Information
Part No.
Laser Mark
Package Name
Package Code
RKP301KJ
L5
UFP
PWSF0002ZA-A
Pin Arrangement
12
L5
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - RKP301KJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KL RENESAS-RKP301KL Datasheet
83Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results

Similar Description - RKP301KJ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HVD133A RENESAS-HVD133A Datasheet
64Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD141 RENESAS-HVD141 Datasheet
151Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVU131 RENESAS-HVU131 Datasheet
77Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVD131 RENESAS-HVD131 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP200KN RENESAS-RKP200KN Datasheet
157Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
RKP301KK RENESAS-RKP301KK Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC133A RENESAS-HVC133A Datasheet
159Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Hitachi Semiconductor
HVD142 HITACHI-HVD142 Datasheet
36Kb / 6P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
logo
Renesas Technology Corp
RKP300WKQE RENESAS-RKP300WKQE Datasheet
81Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
HVC132 RENESAS-HVC132 Datasheet
82Kb / 5P
   Silicon Epitaxial Planar Pin Diode for Antenna Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com