Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65850FP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M65850FP
Description  Digital Echo (Digital Delay)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65850FP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M65850FP Datasheet HTML 1Page - Renesas Technology Corp M65850FP Datasheet HTML 2Page - Renesas Technology Corp M65850FP Datasheet HTML 3Page - Renesas Technology Corp M65850FP Datasheet HTML 4Page - Renesas Technology Corp M65850FP Datasheet HTML 5Page - Renesas Technology Corp M65850FP Datasheet HTML 6Page - Renesas Technology Corp M65850FP Datasheet HTML 7Page - Renesas Technology Corp M65850FP Datasheet HTML 8Page - Renesas Technology Corp M65850FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REJ03F0171-0201 Rev.2.01 Jan 25, 2008
Page 1 of 11
M65850P/FP
Digital Echo (Digital Delay)
REJ03F0171-0201
Rev.2.01
Jan 25, 2008
Description
The M65850P/FP is a CMOS IC for generating echo to be added to the voice through a Karaoke microphone.
It is optimal to provide the echo effect function for Karaoke player, such as radio cassette recorders, mini audio
components and television sets.
Increased master clock frequency assures high-performance short delay, enabling the IC to be used for Dolby prologic
surround system.
Features
• Built-in input/output filters, A/D and D/A converters, and memory realize a delay system with only a single chip.
• Built-in current control type clock oscillator circuit avoids clock affection outside, thus allowing prevention of
undesired radiation.
• Delay time = 164 ms (with master clock set at 1 MHz)
(Selection of delay time in a range between 15 ms and 200 ms)
• Small package (14-pin DIP: PRDP0014AA-A (14P4), 16-pin SOP: PRSP0016DE-A (16P2N-A))
• Built-in 20 Kbit SRAM
• Built-in auto reset circuit (The IC reset as power is turned on)
• Single power supply (5 V)
Recommended Operating Condition
• Supply voltage range: V
CC = 3.5 to 5.5 V
• Rated supply voltage: V
CC = 5 V
System Configuration
L
R
MIC1
MIC2
Vocal
cut
HPF
MIX
RAM
MIX
MIX
L
R
BASS
BASS
MIX
MIX
HPF
MIC VOL
MIC VOL
LPF
Key control
MIC AMP
MIC AMP
MIX
Echo
M65850P/FP
Echo VOL
Note: Dolby is the registered trademarks of Dolby Laboratories Licensing Corporation.


Similar Part No. - M65850FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65850FP MITSUBISHI-M65850FP Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
More results

Similar Description - M65850FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65850P MITSUBISHI-M65850P Datasheet
71Kb / 11P
   DIGITAL ECHO(DIGITAL DELAY)
M65844P MITSUBISHI-M65844P Datasheet
328Kb / 7P
   DIGITAL ECHO (DIGITAL DELAY)?
logo
Renesas Technology Corp
M65831AP RENESAS-M65831AP Datasheet
4Mb / 15P
   DIGITAL ECHO(DIGITAL DELAY)
logo
Mitsubishi Electric Sem...
M65831AP MITSUBISHI-M65831AP Datasheet
80Kb / 14P
   DIGITAL ECHO (DIGITAL DELAY)
logo
List of Unclassifed Man...
BL0305 ETC1-BL0305 Datasheet
25Kb / 2P
   Digital Echo (Digital Delay)
logo
SHANGHAI BELLING CO., L...
BL0305 BELLING-BL0305 Datasheet
24Kb / 2P
   Digital Echo (Digital Delay)
logo
Rohm
BU9252S ROHM-BU9252S Datasheet
63Kb / 6P
   Audio digital delay (KARAOKE echo)
logo
Mitsubishi Electric Sem...
M50195P MITSUBISHI-M50195P Datasheet
476Kb / 8P
   DIGITAL ECHO
logo
List of Unclassifed Man...
BL0306 ETC1-BL0306 Datasheet
32Kb / 2P
   Digital echo
logo
Princeton Technology Co...
PT2395 PTC-PT2395 Datasheet
265Kb / 4P
   Enhanced Digital Echo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com