Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBB1004 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # TBB1004
Description  Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TBB1004 Datasheet(HTML) 2 Page - Renesas Technology Corp

  TBB1004 Datasheet HTML 1Page - Renesas Technology Corp TBB1004 Datasheet HTML 2Page - Renesas Technology Corp TBB1004 Datasheet HTML 3Page - Renesas Technology Corp TBB1004 Datasheet HTML 4Page - Renesas Technology Corp TBB1004 Datasheet HTML 5Page - Renesas Technology Corp TBB1004 Datasheet HTML 6Page - Renesas Technology Corp TBB1004 Datasheet HTML 7Page - Renesas Technology Corp TBB1004 Datasheet HTML 8Page - Renesas Technology Corp TBB1004 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TBB1004
Rev.11.00 Aug 22, 2006 page 2 of 9
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Ratings
Unit
Drain to source voltage
VDS
6
V
Gate1 to source voltage
VG1S
+6
-0
V
Gate2 to source voltage
VG2S
+6
-0
V
Drain current
ID
30
mA
Channel power dissipation
Pch
*3
250
mW
Channel temperature
Tch
150
°C
Storage temperature
Tstg
–55 to +150
°C
Note:
3. Value on the glass epoxy board (49mm
× 38mm × 1mm).
Electrical Characteristics
(Ta = 25
°C)
The below specification are applicable for UHF unit (FET1)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
6
V
ID = 200
µA, VG1S = VG2S = 0
Gate1 to source breakdown voltage
V(BR)G1SS
+6
V
IG1 = +10
µA, VG2S = VDS = 0
Gate2 to source breakdown voltage
V(BR)G2SS
+6
V
IG2 = +10
µA, VG1S = VDS = 0
Gate1 to source cutoff current
IG1SS
+100
nA
VG1S = +5 V, VG2S = VDS = 0
Gate2 to source cutoff current
IG2SS
+100
nA
VG2S = +5 V, VG1S = VDS = 0
Gate1 to source cutoff voltage
VG1S(off)
0.5
0.7
1.0
V
VDS = 5 V, VG2S = 4 V
ID = 100
µA
Gate2 to source cutoff voltage
VG2S(off)
0.5
0.7
1.0
V
VDS = 5 V, VG1S = 5 V
ID = 100
µA
Drain current
ID(op)
13
17
21
mA
VDS = 5 V, VG1 = 5 V
VG2S = 4 V, RG = 100 k
Forward transfer admittance
|yfs|
21
26
31
mS
VDS = 5 V, VG1 = 5 V, VG2S = 4 V
RG = 100 k
Ω, f = 1 kHz
Input capacitance
Ciss
1.4
1.8
2.2
pF
Output capacitance
Coss
1.0
1.4
1.8
pF
Reverse transfer capacitance
Crss
0.02
0.04
pF
VDS = 5 V, VG1 = 5 V
VG2S =4 V, RG = 100 k
f = 1 MHz
Power gain
PG
16
21
dB
Noise figure
NF
1.7
2.5
dB
VDS = VG1 = 5 V, VG2S = 4 V
RG = 100 k
Ω, f = 900 MHz
Zi = S11*, Zo = S22*(:PG)
Zi = S11opt (:NF)


Similar Part No. - TBB1004

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
TBB1004 HITACHI-TBB1004 Datasheet
63Kb / 11P
   Twin Build in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
logo
Renesas Technology Corp
TBB1004DMTL-E RENESAS-TBB1004DMTL-E Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004DMTL-H RENESAS-TBB1004DMTL-H Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
More results

Similar Description - TBB1004

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1005 RENESAS-TBB1005_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_15 Datasheet
225Kb / 15P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1017 RENESAS-TBB1017 Datasheet
238Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1005 RENESAS-TBB1005 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1002 RENESAS-TBB1002_11 Datasheet
125Kb / 9P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_11 Datasheet
166Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1002 RENESAS-TBB1002_06 Datasheet
105Kb / 10P
   Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012 Datasheet
150Kb / 14P
   Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
TBB1010 RENESAS-TBB1010_11 Datasheet
120Kb / 8P
   Twin Built in Biasing Circuit MOS FET IC VHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com