Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66281FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M66281FP
Description  51208-Bit 횞 2 Line Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66281FP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M66281FP Datasheet HTML 2Page - Renesas Technology Corp M66281FP Datasheet HTML 3Page - Renesas Technology Corp M66281FP Datasheet HTML 4Page - Renesas Technology Corp M66281FP Datasheet HTML 5Page - Renesas Technology Corp M66281FP Datasheet HTML 6Page - Renesas Technology Corp M66281FP Datasheet HTML 7Page - Renesas Technology Corp M66281FP Datasheet HTML 8Page - Renesas Technology Corp M66281FP Datasheet HTML 9Page - Renesas Technology Corp M66281FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
M66281FP
REJ03F0254-0200 Rev.2.00 Sep 14, 2007
Page 6 of 15
Switching Characteristics Measurement Circuit
CL = 30 pF: tAC, tOH
Qn
CL = 5 pF: tOEN, tODIS
SW1
SW2
RL = 1 kΩ
RL = 1 kΩ
VCC
Qn
Input pulse level:
0 to 3 V
Input pulse up/down time: 3 ns
Judging voltage Input:
1.3 V
Output: 1.3 V (However, tODIS (LZ) is judged with 10% of the output amplitude, while tODIS (HZ) is
judged with 90% of the output amplitude)
Load capacitance CL includes the floating capacity of connected lines and input capacitance of probe.
Item
SW1
SW2
tODIS (LZ)
Close
Open
tODIS (HZ)
Open
Close
tOEN (ZL)
Close
Open
tOEN (ZH)
Open
Close
tODIS and tOEN Measurement Condition
RCK
REB
Qn
Qn
VOL
VOH
GND
3 V
GND
3 V
1.3 V
1.3 V
1.3 V
tOEN (ZH)
tOEN (ZL)
1.3 V
90%
10%
tODIS (HZ)
tODIS (LZ)


Similar Part No. - M66281FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
   5120 x 8-BIT x 2 LINE MEMORY
More results

Similar Description - M66281FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M66257FP RENESAS-M66257FP Datasheet
151Kb / 13P
   5120 횞 8-Bit 횞 2 Line Memory (FIFO)
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
   5120 횞 8-Bit Line Memory
M66256FP RENESAS-M66256FP Datasheet
170Kb / 14P
   5120 횞 8-Bit Line Memory (FIFO)
M66258FP RENESAS-M66258FP Datasheet
168Kb / 14P
   8192 횞 8-Bit Line Memory
M66282FP RENESAS-M66282FP Datasheet
159Kb / 14P
   8192 횞 8-Bit Line Memory
logo
Mitsubishi Electric Sem...
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
   5120 x 8-BIT x 2 LINE MEMORY
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
   5120 x 8-BIT LINE MEMORY
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
   5120 x 8-BIT x 2 LINE MEMORY (FIFO)
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
   5120 x 8-BIT LINE MEMORY (FIFO)
logo
Renesas Technology Corp
M66250P RENESAS-M66250P Datasheet
4Mb / 22P
   5120*8-BIT LINE MEMORY(FIFO/LIFO)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com