Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M66288FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M66288FP
Description  262144-word x 8-bit x 3-FIFO MEMORY
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M66288FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M66288FP Datasheet HTML 4Page - Renesas Technology Corp M66288FP Datasheet HTML 5Page - Renesas Technology Corp M66288FP Datasheet HTML 6Page - Renesas Technology Corp M66288FP Datasheet HTML 7Page - Renesas Technology Corp M66288FP Datasheet HTML 8Page - Renesas Technology Corp M66288FP Datasheet HTML 9Page - Renesas Technology Corp M66288FP Datasheet HTML 10Page - Renesas Technology Corp M66288FP Datasheet HTML 11Page - Renesas Technology Corp M66288FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
M66288FP
REJ03F0156-0310 Rev.3.10 Apr.04.2008
Page 8 of 23
Mode4 Operation Description
<Mode 4>
In mode 4, two pieces of 256K-word x 12-bit FIFO can be controlled completely
independently. Taking FIFO (A) as an example, the operation of FIFO memory is
described below. The operation of FIFO (B) is the same as that of FIFO (A).
When write enable input WEA is "L", the contents of data input DA<7:0> and
DB<3:0> are written into FIFO (A) in synchronization with the rising of write clock
input WCKA. At this time, the write address counter of FIFO (A) is incremented.
When WEA is "H", this IC disable to write data into FIFO(A) and the write address
counter of FIFO (A) is not incremented.
When write reset input WRESA is "L", the write address counter of FIFO (A) is
initialized.
When read enable input REA is "L", the contents of FIFO (A) are outputted to data
output QA<7:0> and QB<3:0> in synchronization with the rising of read clock
input RCKA. At this time, the read address counter of FIFO (A) is incremented.
When REA is "H", this IC disable to read data from FIFO (A) and the read address
counter of FIFO (A) is not incremented. Also QA<7:0> and QB<3:0> become high
impedance state.
When read reset input RRESA is "L", the read address counter of FIFO (A) is
initialized.
Also, set the 12-bit I/O buses of FIFO (A) and FIFO (B) as shown in the table
below. In mode 4, only all pins for the A/B-system, DC<7:0> and QC<7:0> are
used. Therefore the write/read control pins for the C-system should be fixed at "L"
or "H".
External pin
name
Data input
bus of FIFO
(A)
External pin
name
Data output
bus of FIFO
(A)
External pin
name
Data input
bus of FIFO
(B)
External pin
Name
Data output
bus of FIFO
(B)
DA<7>
11
th-bit
QA<7>
11
th-bit
DC<7>
11
th-bit
QC<7>
11
th-bit
DA<6>
10
th-bit
QA<6>
10
th-bit
DC<6>
10
th-bit
QC<6>
10
th-bit
DA<5>
9
th-bit
QA<5>
9
th-bit
DC<5>
9
th-bit
QC<5>
9
th-bit
DA<4>
8
th-bit
QA<4>
8
th-bit
DC<4>
8
th-bit
QC<4>
8
th-bit
DA<3>
7
th-bit
QA<3>
7
th-bit
DC<3>
7
th-bit
QC<3>
7
th-bit
DA<2>
6
th-bit
QA<2>
6
th-bit
DC<2>
6
th-bit
QC<2>
6
th-bit
DA<1>
5
th-bit
QA<1>
5
th-bit
DC<1>
5
th-bit
QC<1>
5
th-bit
DA<0>
4
th-bit
QA<0>
4
th-bit
DC<0>
4
th-bit
QC<0>
4
th-bit
DB<3>
3
rd-bit
QB<3>
3
rd-bit
DB<7>
3
rd-bit
QB<7>
3
rd-bit
DB<2>
2
nd-bit
QB<2>
2
nd-bit
DB<6>
2
nd-bit
QB<6>
2
nd-bit
DB<1>
1
st-bit
QB<1>
1
st-bit
DB<5>
1
st-bit
QB<5>
1
st-bit
DB<0>
0
th-bit
QB<0>
0
th-bit
DB<4>
0
th-bit
QB<4>
0
th-bit
DA<7:0>
WCKA
WRESA
WEA
12
12
256K-w
x
12-bit
FIFO(A)
QA<7:0>
DB<3:0>
QB<3:0>
256K-w
x
12-bit
FIFO(B)
12
12
QC<7:0>
DB<7:4>
QB<7:4>
WCKB
WRESB
WEB
DC<7:0>
RCKB
RRESB
REB
RCKA
RRESA
REA


Similar Part No. - M66288FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66280FP MITSUBISHI-M66280FP Datasheet
111Kb / 12P
   5120 x 8-BIT LINE MEMORY
logo
Renesas Technology Corp
M66280FP RENESAS-M66280FP Datasheet
159Kb / 14P
   5120 횞 8-Bit Line Memory
logo
Mitsubishi Electric Sem...
M66281FP MITSUBISHI-M66281FP Datasheet
125Kb / 13P
   5120 x 8-BIT x 2 LINE MEMORY
logo
Renesas Technology Corp
M66281FP RENESAS-M66281FP Datasheet
175Kb / 16P
   5120 횞 8-Bit 횞 2 Line Memory
logo
Mitsubishi Electric Sem...
M66282FP MITSUBISHI-M66282FP Datasheet
83Kb / 12P
   8192 x 8-BIT LINE MEMORY
More results

Similar Description - M66288FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66287FP MITSUBISHI-M66287FP Datasheet
196Kb / 21P
   262144-word x 8-bit x 3-FIELD MEMORY
logo
OKI electronic componet...
MS81V10160 OKI-MS81V10160 Datasheet
266Kb / 18P
   (664,320-word x 16-bit) FIFO memory
logo
Mitsubishi Electric Sem...
M66257FP MITSUBISHI-M66257FP Datasheet
122Kb / 10P
   5120 x 8-BIT x 2 LINE MEMORY (FIFO)
logo
List of Unclassifed Man...
AL440B-12 ETC-AL440B-12 Datasheet
672Kb / 33P
   4Mbits (512k x 8-bit) FIFO memory
logo
Mitsubishi Electric Sem...
M66252P MITSUBISHI-M66252P Datasheet
145Kb / 11P
   1152 x 8-BIT LINE MEMORY FIFO
logo
Zarlink Semiconductor I...
MJ2812 ZARLINK-MJ2812 Datasheet
681Kb / 6P
   32 WORDS X 8 BIT FIFO MEMORY
logo
Mitsubishi Electric Sem...
M66256FP MITSUBISHI-M66256FP Datasheet
148Kb / 11P
   5120 x 8-BIT LINE MEMORY (FIFO)
logo
OKI electronic componet...
MSM518222 OKI-MSM518222 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
logo
Hitachi Semiconductor
HM530281R HITACHI-HM530281R Datasheet
311Kb / 47P
   331,776-word x 8-bit Frame Memory
logo
OKI electronic componet...
MSM518221 OKI-MSM518221 Datasheet
182Kb / 16P
   262,214-Word x 8-Bit Field Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com