Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21245SDFP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F21245SDFP
Description  SINGLE-CHIP 16-BIT CMOS MCU
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21245SDFP Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F21245SDFP Datasheet HTML 1Page - Renesas Technology Corp R5F21245SDFP Datasheet HTML 2Page - Renesas Technology Corp R5F21245SDFP Datasheet HTML 3Page - Renesas Technology Corp R5F21245SDFP Datasheet HTML 4Page - Renesas Technology Corp R5F21245SDFP Datasheet HTML 5Page - Renesas Technology Corp R5F21245SDFP Datasheet HTML 6Page - Renesas Technology Corp R5F21245SDFP Datasheet HTML 7Page - Renesas Technology Corp R5F21245SDFP Datasheet HTML 8Page - Renesas Technology Corp R5F21245SDFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
R8C/24 Group, R8C/25 Group
1. Overview
Rev.3.00
Feb 29, 2008
Page 2 of 51
REJ03B0117-0300
1.2
Performance Overview
Table 1.1 outlines the Functions and Specifications for R8C/24 Group and Table 1.2 outlines the Functions and
Specifications for R8C/25 Group.
NOTES:
1. I2C bus is a trademark of Koninklijke Philips Electronics N. V.
2. Specify the D version if D version functions are to be used.
3. Please contact Renesas Technology sales offices for the Y version.
Table 1.1
Functions and Specifications for R8C/24 Group
Item
Specification
CPU
Number of fundamental
instructions
89 instructions
Minimum instruction execution
time
50 ns (f(XIN) = 20 MHz, VCC = 3.0 to 5.5 V)
100 ns (f(XIN) = 10 MHz, VCC = 2.7 to 5.5 V)
200 ns (f(XIN) = 5 MHz, VCC = 2.2 to 5.5 V)
Operating mode
Single-chip
Address space
1 Mbyte
Memory capacity
Refer to Table 1.3 Product Information for R8C/24 Group
Peripheral
Functions
Ports
I/O ports: 41 pins, Input port: 3 pins
LED drive ports
I/O ports: 8 pins
Timers
Timer RA: 8 bits × 1 channel
Timer RB: 8 bits × 1 channel
(Each timer equipped with 8-bit prescaler)
Timer RD: 16 bits × 2 channels
(Input capture and output compare circuits)
Timer RE: With real-time clock and compare match function
Serial interfaces
2 channels (UART0, UART1)
Clock synchronous serial I/O, UART
Clock synchronous serial
interface
1 channel
I2C bus Interface(1)
Clock synchronous serial I/O with chip select
LIN module
Hardware LIN: 1 channel (timer RA, UART0)
A/D converter
10-bit A/D converter: 1 circuit, 12 channels
Watchdog timer
15 bits × 1 channel (with prescaler)
Reset start selectable
Interrupts
Internal: 11 sources, External: 5 sources, Software: 4
sources, Priority levels: 7 levels
Clock
Clock generation
circuits
3 circuits
• XIN clock generation circuit (with on-chip feedback resistor)
• On-chip oscillator (high speed, low speed)
High-speed on-chip oscillator has a frequency
adjustment function
• XCIN clock generation circuit (32 kHz)
Real-time clock (timer RE)
Oscillation stop detection function XIN clock oscillation stop detection function
Voltage detection circuit
On-chip
Power-on reset circuit
On-chip
Electrical
Characteristics
Supply voltage
VCC = 3.0 to 5.5 V (f(XIN) = 20 MHz)
VCC = 2.7 to 5.5 V (f(XIN) = 10 MHz)
VCC = 2.2 to 5.5 V (f(XIN) = 5 MHz)
Current consumption
Typ. 10 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 6 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 2.0
µA (VCC = 3.0 V, wait mode (f(XCIN) = 32 kHz)
Typ. 0.7
µA (VCC = 3.0 V, stop mode)
Flash Memory Programming and erasure voltage VCC = 2.7 to 5.5 V
Programming and erasure endurance 100 times
Operating Ambient Temperature
-20 to 85
°C (N version)
-40 to 85
°C (D version)(2)
-20 to 105
°C (Y version)(3)
Package
52-pin molded-plastic LQFP
64-pin molded-plastic FLGA


Similar Part No. - R5F21245SDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21245SDFP RENESAS-R5F21245SDFP Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21245SDFP RENESAS-R5F21245SDFP Datasheet
5Mb / 525P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R5F21245SDFP RENESAS-R5F21245SDFP Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
More results

Similar Description - R5F21245SDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C28 RENESAS-R8C28 Datasheet
585Kb / 71P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-24 RENESAS-R8C-24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26_10 Datasheet
635Kb / 75P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26 Datasheet
597Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-18 RENESAS-R8C-18 Datasheet
675Kb / 41P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28_10 Datasheet
625Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21256SNFPU0 RENESAS-R5F21256SNFPU0 Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
logo
Hitachi Semiconductor
HD63705V0 HITACHI-HD63705V0 Datasheet
1Mb / 35P
   8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU)
logo
Mitsubishi Electric Sem...
M37705M2AXXXSP MITSUBISHI-M37705M2AXXXSP Datasheet
1Mb / 20P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com