Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F21248SDFP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F21248SDFP
Description  SINGLE-CHIP 16-BIT CMOS MCU
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F21248SDFP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F21248SDFP Datasheet HTML 7Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 8Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 9Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 10Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 11Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 12Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 13Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 14Page - Renesas Technology Corp R5F21248SDFP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 59 page
background image
R8C/24 Group, R8C/25 Group
1. Overview
Rev.3.00
Feb 29, 2008
Page 11 of 51
REJ03B0117-0300
1.6
Pin Functions
Table 1.5 lists Pin Functions.
I: Input
O: Output
I/O: Input and output
Table 1.5
Pin Functions
Type
Symbol
I/O Type
Description
Power supply input
VCC, VSS
I
Apply 2.2 V to 5.5 V to the VCC pin. Apply 0 V to the VSS pin.
Analog power
supply input
AVCC, AVSS
I
Power supply for the A/D converter.
Connect a capacitor between AVCC and AVSS.
Reset input
RESET
I
Input “L” on this pin resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
XIN clock input
XIN
I
These pins are provided for XIN clock generation circuit I/O.
Connect a ceramic resonator or a crystal oscillator between
the XIN and XOUT pins. To use an external clock, input it to
the XIN pin and leave the XOUT pin open.
XIN clock output
XOUT
O
XCIN clock input
XCIN
I
These pins are provided for XCIN clock generation circuit I/O.
Connect a crystal oscillator between the XCIN and XCOUT
pins. To use an external clock, input it to the XCIN pin and
leave the XCOUT pin open.
XCIN clock output
XCOUT
O
INT interrupt input
INT0 to INT3
I
INT interrupt input pins.
INT0 is timer RD input pin. INT1 is timer RA input pin.
Key input interrupt
KI0 to KI3
I
Key input interrupt input pins
Timer RA
TRAIO
I/O
Timer RA I/O pin
TRAO
O
Timer RA output pin
Timer RB
TRBO
O
Timer RB output pin
Timer RD
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1
I/O
Timer RD I/O ports
TRDCLK
I
External clock input pin
Timer RE
TREO
O
Divided clock output pin
Serial interface
CLK0, CLK1
I/O
Transfer clock I/O pin
RXD0, RXD1
I
Serial data input pins
TXD0, TXD1
O
Serial data output pins
I2C bus interface
SCL
I/O
Clock I/O pin
SDA
I/O
Data I/O pin
Clock synchronous
serial I/O with chip
select
SSI
I/O
Data I/O pin
SCS
I/O
Chip-select signal I/O pin
SSCK
I/O
Clock I/O pin
SSO
I/O
Data I/O pin
Reference voltage
input
VREF
I
Reference voltage input pin to A/D converter
A/D converter
AN0 to AN11
I
Analog input pins to A/D converter
I/O port
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0, P3_1,
P3_3 to P3_5, P3_7,
P4_3 to P4_5,
P6_0 to P6_7
I/O
CMOS I/O ports. Each port has an I/O select direction
register, allowing each pin in the port to be directed for input
or output individually.
Any port set to input can be set to use a pull-up resistor or not
by a program.
P2_0 to P2_7 also function as LED drive ports.
Input port
P4_2, P4_6, P4_7
I
Input-only ports


Similar Part No. - R5F21248SDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F21248SDFP RENESAS-R5F21248SDFP Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21248SDFP RENESAS-R5F21248SDFP Datasheet
5Mb / 525P
   RENESAS 16-BIT SINGLE-CHIP MCU R8C FAMILY / R8C/2x SERIES
R5F21248SDFP RENESAS-R5F21248SDFP Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
More results

Similar Description - R5F21248SDFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R8C28 RENESAS-R8C28 Datasheet
585Kb / 71P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-24 RENESAS-R8C-24 Datasheet
518Kb / 59P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26_10 Datasheet
635Kb / 75P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C26 RENESAS-R8C26 Datasheet
597Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C-18 RENESAS-R8C-18 Datasheet
675Kb / 41P
   SINGLE-CHIP 16-BIT CMOS MCU
R8C28 RENESAS-R8C28_10 Datasheet
625Kb / 73P
   SINGLE-CHIP 16-BIT CMOS MCU
R5F21256SNFPU0 RENESAS-R5F21256SNFPU0 Datasheet
540Kb / 61P
   SINGLE-CHIP 16-BIT CMOS MCU
logo
Hitachi Semiconductor
HD63705V0 HITACHI-HD63705V0 Datasheet
1Mb / 35P
   8-BIT CMOS SINGLE CHIP MICROCOMPUTER UNIT(MCU)
logo
Mitsubishi Electric Sem...
M37705M2AXXXSP MITSUBISHI-M37705M2AXXXSP Datasheet
1Mb / 20P
   SINGLE CHIP 16 BIT CMOS MICROCOMPUTER
logo
Siemens Semiconductor G...
C163-L SIEMENS-C163-L Datasheet
625Kb / 68P
   16-bit CMOS Single-Chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com