Electronic Components Datasheet Search |
|
M38037F6-XXXHP Datasheet(PDF) 1 Page - Renesas Technology Corp |
|
M38037F6-XXXHP Datasheet(HTML) 1 Page - Renesas Technology Corp |
1 / 119 page Rev.1.01 Jan 25, 2008 Page 1 of 117 REJ03B0212-0101 DESCRIPTION The 3803 group (Spec.L) is the 8-bit microcomputer based on the 740 family core technology. The 3803 group (Spec.L) is designed for household products, office automation equipment, and controlling systems that require analog signal processing, including the A/D converter and D/A converters. FEATURES • Basic machine-language instructions ................................. 71 • Minimum instruction execution time .......................... 0.24 µs (at 16.8 MHz oscillation frequency) • Memory size Mask ROM/Flash memory .................................... 60 K bytes RAM ...................................................................... 2048 bytes • Programmable input/output ports ....................................... 56 • Software pull-up resistors ............................................ Built-in • Interrupts 21 sources, 16 vectors............................................................... (external 8, internal 12, software 1) • Timers ...................................................................... 16-bit × 1 8-bit × 4 (with 8-bit prescaler) • Serial interface ......... 8-bit × 2 (UART or Clock-synchronized) 8-bit × 1 (Clock-synchronized) • PWM ....................................... 8-bit × 1 (with 8-bit prescaler) • A/D converter ........................................ 10-bit × 16 channels (8-bit reading enabled) • D/A converter ............................................ 8-bit × 2 channels • Watchdog timer ....................................................... 16-bit × 1 • LED direct drive port..............................................................8 • Clock generating circuit ............................. Built-in 2 circuits (connect to external ceramic resonator or quartz-crystal oscillator) • Power source voltage (Mask ROM version) [In high-speed mode] At 16.8 MHz oscillation frequency ....................4.5 to 5.5 V At 12.5 MHz oscillation frequency ....................4.0 to 5.5 V At 8.4 MHz oscillation frequency ......................2.7 to 5.5 V At 4.2 MHz oscillation frequency ......................2.2 to 5.5 V At 2.1 MHz oscillation frequency ......................2.0 to 5.5 V [In middle-speed mode] At 16.8 MHz oscillation frequency ....................4.5 to 5.5 V At 12.5 MHz oscillation frequency ....................2.7 to 5.5 V At 8.4 MHz oscillation frequency ......................2.2 to 5.5 V At 6.3 MHz oscillation frequency ......................1.8 to 5.5 V [In low-speed mode] At 32 kHz oscillation frequency .........................1.8 to 5.5 V • Power source voltage (Flash memory version) [In high-speed mode] At 16.8 MHz oscillation frequency .................... 4.5 to 5.5 V At 12.5 MHz oscillation frequency .................... 4.0 to 5.5 V At 8.4 MHz oscillation frequency ...................... 2.7 to 5.5 V [In middle-speed mode] At 16.8 MHz oscillation frequency .................... 4.5 to 5.5 V At 12.5 MHz oscillation frequency .................... 2.7 to 5.5 V [In low-speed mode] At 32 kHz oscillation frequency......................... 2.7 to 5.5 V • Power dissipation (Mask ROM version) In high-speed mode ........................................... 40 mW (typ.) (at 16.8 MHz oscillation frequency, at 5 V power source voltage) In low-speed mode ............................................ 45 µW (typ.) (at 32 kHz oscillation frequency, at 3 V power source voltage) • Power dissipation (Flash memory version) In high-speed mode ........................................ 27.5 mW (typ.) (at 16.8 MHz oscillation frequency, at 5 V power source voltage) In low-speed mode ........................................ 1200 µW (typ.) (at 32 kHz oscillation frequency, at 3 V power source voltage) • Operating temperature range ............................. −20 to 85 °C • Packages SP...............PRDP0064BA-A (64P4B) (64-pin 750 mil SDIP) HP ......PLQP0064KB-A (64P6Q-A) (64-pin 10 × 10 mm LQFP) KP ......PLQP0064GA-A (64P6U-A) (64-pin 14 × 14 mm LQFP) WG ........PTLG0064JA-A (64F0G) (64-pin 6 × 6 mm FLGA) <Flash memory mode> • Power source voltage ................................ VCC = 2.7 to 5.5 V • Program/Erase voltage ............................. VCC = 2.7 to 5.5 V • Programming method ............... Programming in unit of byte • Erasing method ................................................. Block erasing • Program/Erase control by software command • Number of times for programming/erasing ...................... 100 <Notes> The flash memory version cannot be used for application embedded in the MCU card. 3803 Group (Spec.L) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER REJ03B0212-0101 Rev.1.01 Jan 25, 2008 |
Similar Part No. - M38037F6-XXXHP |
|
Similar Description - M38037F6-XXXHP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |