Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62V8100I Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HM62V8100I
Description  Wide Temperature Range Version 8 M SRAM (1024-kword8-bit)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62V8100I Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HM62V8100I Datasheet HTML 6Page - Renesas Technology Corp HM62V8100I Datasheet HTML 7Page - Renesas Technology Corp HM62V8100I Datasheet HTML 8Page - Renesas Technology Corp HM62V8100I Datasheet HTML 9Page - Renesas Technology Corp HM62V8100I Datasheet HTML 10Page - Renesas Technology Corp HM62V8100I Datasheet HTML 11Page - Renesas Technology Corp HM62V8100I Datasheet HTML 12Page - Renesas Technology Corp HM62V8100I Datasheet HTML 13Page - Renesas Technology Corp HM62V8100I Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
HM62V8100I Series
8
DC Characteri stics
Parameter
Symbol Min
Typ*
1
Max
Unit
Test conditions
Input leakage current
|I
LI|
——1
µA
Vin = V
SS to V CC
Output leakage current
|I
LO|
——1
µA
CS1 = V
IH or CS2 = VIL or
OE = V
IH or WE = VIL, or
V
I/O = VSS to V CC
Operating current
I
CC
——20
mA
CS1 = V
IL, CS2 = VIH,
Others = V
IH/VIL, II/O = 0 mA
Average operating current
I
CC1
14
25
mA
Min. cycle, duty = 100%,
I
I/O = 0 mA, CS1 = VIL, CS2 = VIH,
Others = V
IH/VIL
I
CC2
2
4
mA
Cycle time = 1
µs, duty = 100%,
I
I/O = 0 mA, CS1 ≤ 0.2 V,
CS2
≥ V
CC – 0.2 V
V
IH ≥ V CC – 0.2 V, VIL ≤ 0.2 V
Standby current
I
SB
0.1
0.3
mA
CS2 = V
IL
Standby current
I
SB1*
2
0.5
25
µA
0 V
≤ Vin
(1) 0 V
≤ CS2 ≤ 0.2 V or
(2)
CS1
≥ V
CC – 0.2 V,
CS2
≥ V
CC – 0.2 V
I
SB1*
3
0.5
10
µA
Output high voltage
V
OH
2.2
V
I
OH = –1 mA
Output low voltage
V
OL
0.4
V
I
OL = 2 mA
Note:
1. Typical values are at V
CC = 3.0 V, Ta = +25°C and not guaranteed.
2. This characteristic is guaranteed only for L version.
3. This characteristic is guaranteed only for L-SL version.
Capacitance (Ta = +25
°C, f = 1.0 MHz)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Note
Input capacitance
Cin
8
pF
Vin = 0 V
1
Input/output capacitance
C
I/O
10
pF
V
I/O = 0 V
1
Note:
1. This parameter is sampled and not 100% tested.


Similar Part No. - HM62V8100I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V8100I RENESAS-HM62V8100I Datasheet
924Kb / 16P
   Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit)
HM62V8100I RENESAS-HM62V8100I_09 Datasheet
924Kb / 16P
   Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit)
More results

Similar Description - HM62V8100I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM628100I RENESAS-HM628100I_15 Datasheet
114Kb / 19P
   Wide Temperature Range Version 8 M SRAM (1024-kword 쨈 8-bit)
HM62V8100I RENESAS-HM62V8100I_09 Datasheet
924Kb / 16P
   Wide Temperature Range Version 8 M SRAM (1024-kword 8-bit)
HM628100I RENESAS-HM628100I Datasheet
91Kb / 17P
   Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
HM62V8100L RENESAS-HM62V8100L Datasheet
110Kb / 21P
   Wide Temperature Range Version 8 M SRAM (1024-kword x 8-bit)
HM6216514I RENESAS-HM6216514I_15 Datasheet
121Kb / 20P
   Wide Temperature Range Version 8 M SRAM (512-kword 쨈 16-bit)
HM628512CI RENESAS-HM628512CI Datasheet
109Kb / 19P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
   Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
logo
Hitachi Semiconductor
HM6264BI HITACHI-HM6264BI Datasheet
72Kb / 17P
   64k SRAM (8-kword x 8-bit) Wide Temperature Range version
logo
Renesas Technology Corp
HM62V16514I RENESAS-HM62V16514I Datasheet
97Kb / 19P
   Wide Temperature Range Version 8 M SRAM (512-kword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com