Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62W16258BI Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HM62W16258BI
Description  4 M SRAM (256-kword16-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62W16258BI Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HM62W16258BI Datasheet HTML 2Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 3Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 4Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 5Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 6Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 7Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 8Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 9Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
HM62W16258BI Series
4
Operation Table
CS
WE
OE
UB
LB
I/O0 to I/O7
I/O8 to I/O15
Operation
H
××××
High-Z
High-Z
Standby
×××
H
H
High-Z
High-Z
Standby
L
H
L
L
L
Dout
Dout
Read
L
H
L
H
L
Dout
High-Z
Lower byte read
L
H
L
L
H
High-Z
Dout
Upper byte read
LL
×
L
L
Din
Din
write
LL
×
H
L
Din
High-Z
Lower byte write
LL
×
L
H
High-Z
Din
Upper byte write
LH
H
××
High-Z
High-Z
Output disable
Note:
H: V
IH, L: VIL, ×: VIH or VIL
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Power supply voltage relative to V
SS
V
CC
–0.5 to + 4.6
V
Terminal voltage on any pin relative to V
SS
V
T
–0.5*
1 to V
CC + 0.3*
2
V
Power dissipation
P
T
1.0
W
Storage temperature range
Tstg
–55 to +125
°C
Storage temperature range under bias
Tbias
–40 to +85
°C
Notes: 1. V
T min: –3.0 V for pulse half-width ≤ 30 ns.
2. Maximum voltage is +4.6 V.
DC Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
V
CC
3.0
3.3
3.6
V
V
SS
000V
Input high voltage
V
IH
2.2
V
CC + 0.3
V
Input low voltage
V
IL
–0.3
0.6
V
1
Ambient temperature range
Ta
–40
85
°C
Note:
1. V
IL min:
–3.0 V for pulse half-width
≤ 30 ns.


Similar Part No. - HM62W16258BI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
   4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62W16258BI RENESAS-HM62W16258BI_15 Datasheet
117Kb / 19P
   4 M SRAM (256-kword 쨈 16-bit)
More results

Similar Description - HM62W16258BI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V16256C RENESAS-HM62V16256C Datasheet
101Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B Datasheet
93Kb / 18P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B_15 Datasheet
119Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CBP RENESAS-HM62V16256CBP Datasheet
150Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16256B RENESAS-HM62W16256B Datasheet
96Kb / 18P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI_15 Datasheet
117Kb / 19P
   4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
   Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
   4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
   4 M SRAM (256-kword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com