Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62W16258BI Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HM62W16258BI
Description  4 M SRAM (256-kword16-bit)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62W16258BI Datasheet(HTML) 3 Page - Renesas Technology Corp

  HM62W16258BI Datasheet HTML 1Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 2Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 3Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 4Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 5Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 6Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 7Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 8Page - Renesas Technology Corp HM62W16258BI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
HM62W16258BI Series
4 M SRAM (256-kword
× 16-bit)
ADE-203-1072A (Z)
Rev. 1.0
Jun. 10, 1999
Description
The Hitachi HM62W16258BI Series is 4-Mbit static RAM organized 262,144-word
× 16-bit.
HM62W16258BI Series has realized higher density, higher performance and low power consumption by
employing Hi-CMOS process technology. It offers low power standby power dissipation; therefore, it is
suitable for battery backup systems. It is packaged in standard 44-pin plastic TSOPII.
Features
Single 3.3 V supply: 3.3 V
± 0.3 V
Fast access time: 70 ns (max)
Power dissipation:
 Active: 9.9 mW (typ)
 Standby: 3.3 µW (typ)
Completely static memory.
 No clock or timing strobe required
Equal access and cycle times
Common data input and output.
 Three state output
Battery backup operation.
Temperature range: –40 to 85
°C
Ordering Information
Type No.
Access time
Package
HM62W16258BLTTI-7
70 ns
400-mil 44-pin plastic TSOPII (normal-bend type) (TTP-44DB)


Similar Part No. - HM62W16258BI

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W16258BI HITACHI-HM62W16258BI Datasheet
70Kb / 16P
   4 M SRAM (256-kword x 16-bit)
logo
Renesas Technology Corp
HM62W16258BI RENESAS-HM62W16258BI_15 Datasheet
117Kb / 19P
   4 M SRAM (256-kword 쨈 16-bit)
More results

Similar Description - HM62W16258BI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V16256C RENESAS-HM62V16256C Datasheet
101Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B Datasheet
93Kb / 18P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258B RENESAS-HM62W16258B_15 Datasheet
119Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CBP RENESAS-HM62V16256CBP Datasheet
150Kb / 20P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16256B RENESAS-HM62W16256B Datasheet
96Kb / 18P
   4 M SRAM (256-kword 쨈 16-bit)
HM62W16258BI RENESAS-HM62W16258BI_15 Datasheet
117Kb / 19P
   4 M SRAM (256-kword 쨈 16-bit)
HM62V16256CI RENESAS-HM62V16256CI Datasheet
100Kb / 20P
   Wide Temperature Range Version 4 M SRAM (256-kword 쨈 16-bit)
logo
Hitachi Semiconductor
HM62V16256C HITACHI-HM62V16256C Datasheet
76Kb / 18P
   4 M SRAM (256-kword x 16-bit)
HM62V16258B HITACHI-HM62V16258B Datasheet
74Kb / 16P
   4 M SRAM (256-kword x 16-bit)
HM62W16258B HITACHI-HM62W16258B Datasheet
76Kb / 16P
   4 M SRAM (256-kword x 16-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com