Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM62W8512BLRR-7SL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HM62W8512BLRR-7SL
Description  4 M SRAM (512-kword8-bit)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HM62W8512BLRR-7SL Datasheet(HTML) 3 Page - Renesas Technology Corp

  HM62W8512BLRR-7SL Datasheet HTML 1Page - Renesas Technology Corp HM62W8512BLRR-7SL Datasheet HTML 2Page - Renesas Technology Corp HM62W8512BLRR-7SL Datasheet HTML 3Page - Renesas Technology Corp HM62W8512BLRR-7SL Datasheet HTML 4Page - Renesas Technology Corp HM62W8512BLRR-7SL Datasheet HTML 5Page - Renesas Technology Corp HM62W8512BLRR-7SL Datasheet HTML 6Page - Renesas Technology Corp HM62W8512BLRR-7SL Datasheet HTML 7Page - Renesas Technology Corp HM62W8512BLRR-7SL Datasheet HTML 8Page - Renesas Technology Corp HM62W8512BLRR-7SL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
HM62W8512B Series
4 M SRAM (512-kword
× 8-bit)
ADE-203-904F (Z)
Rev. 5.0
Mar. 15, 2000
Description
The Hitachi HM62W8512B is a 4-Mbit static RAM organized 512-kword
× 8-bit. It realizes higher density,
higher performance and low power consumption by employing 0.35
µm Hi-CMOS process technology. The
device, packaged in a 525-mil SOP (foot print pitch width) or 400-mil TSOP TYPE II is available for high
density mounting. The HM62W8512B is suitable for battery backup system.
Features
• Single 3.3 V supply: 3.3 V ± 0.3 V
• Access time: 55/70 ns (max)
• Power dissipation
 Active: 16.5 mW/MHz (typ)
 Standby: 3.3 µW (typ)
• Completely static memory. No clock or timing strobe required
• Equal access and cycle times
• Common data input and output: Three state output
• Directly LV-TTL compatible: All inputs and outputs
• Battery backup operation


Similar Part No. - HM62W8512BLRR-7SL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM62W8512BLRR-7SL HITACHI-HM62W8512BLRR-7SL Datasheet
80Kb / 16P
   4 M SRAM (512-kword x 8-bit)
More results

Similar Description - HM62W8512BLRR-7SL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HM62V8512CTS RENESAS-HM62V8512CTS Datasheet
81Kb / 16P
   4 M SRAM (512-kword 쨈 8-bit)
HM62V8512C RENESAS-HM62V8512C Datasheet
100Kb / 18P
   4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI Datasheet
80Kb / 15P
   4 M SRAM (512-kword 쨈 8-bit)
HM62W8512BI RENESAS-HM62W8512BI_15 Datasheet
105Kb / 17P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512C RENESAS-HM628512C Datasheet
109Kb / 19P
   4 M SRAM (512-kword 쨈 8-bit)
HM628512CI RENESAS-HM628512CI Datasheet
109Kb / 19P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
HM62V8512CI RENESAS-HM62V8512CI Datasheet
79Kb / 15P
   Wide Temperature Range Version 4 M SRAM (512-kword 쨈 8-bit)
logo
Hitachi Semiconductor
HM628512B HITACHI-HM628512B Datasheet
85Kb / 18P
   4 M SRAM (512-kword x 8-bit)
HM62W8512BI HITACHI-HM62W8512BI Datasheet
58Kb / 14P
   4 M SRAM (512-kword x 8-bit)
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
   4 M SRAM (512-kword x 8-bit)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com