Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRW0502A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HRW0502A
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HRW0502A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HRW0502A Datasheet HTML 1Page - Renesas Technology Corp HRW0502A Datasheet HTML 2Page - Renesas Technology Corp HRW0502A Datasheet HTML 3Page - Renesas Technology Corp HRW0502A Datasheet HTML 4Page - Renesas Technology Corp HRW0502A Datasheet HTML 5Page - Renesas Technology Corp HRW0502A Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
HRW0502A
Rev.6.00, Jan.06.2004, page 4 of 5
0.2
0.1
0.3
0.4
1.0
0.5
1.5
2.5
2.0
0.2
0.1
0.3
0.4
0
0
0
010
20
515
25
0
50
100
25
75
125
0.2
0.4
0.3
0.5
0.1
0.5
0.6
t
T
0A
Tj = 25
°C
D = —
T
t
t
T
0V
Tj = 125
°C
D = —
T
t
D=1/6
D=1/3
sin(
θ=180°)
DC
D=1/2
D=5/6
D=2/3
D=1/2
sin(
θ=180°)
Fig.5 Reverse power dissipation vs. Reverse voltage
Reverse voltage VR (V)
0
D=1/6
sin(
θ=180°)
D=1/2
D=1/3
DC
Ambient temperature Ta (
°C)
Fig.6 Average rectified current vs. Ambient temperature
VR=VRRM/2
Tj =125
°C
Rth(j
−a)=340°C/W
−25
Fig.4 Forward power dissipation vs. Forward current
Forward current IF (A)


Similar Part No. - HRW0502A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Guangdong Kexin Industr...
HRW0502A KEXIN-HRW0502A Datasheet
35Kb / 1P
   Silicon Schottky Barrier Diode
More results

Similar Description - HRW0502A

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HRC0103A HITACHI-HRC0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRC0203B HITACHI-HRC0203B Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF32 HITACHI-HRF32 Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRF502A HITACHI-HRF502A Datasheet
30Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103A HITACHI-HRU0103A Datasheet
29Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0202B HITACHI-HRW0202B Datasheet
33Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
HRW0502A HITACHI-HRW0502A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Renesas Technology Corp
HRV103A RENESAS-HRV103A_08 Datasheet
88Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
RKR0503AKJ RENESAS-RKR0503AKJ Datasheet
210Kb / 8P
   Silicon Schottky Barrier Diode for Rectifying
HRU0103C RENESAS-HRU0103C_08 Datasheet
84Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
logo
Hitachi Semiconductor
HRW0503A HITACHI-HRW0503A Datasheet
32Kb / 6P
   Silicon Schottky Barrier Diode for Rectifying
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com