Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3290 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SK3290
Description  Silicon N Channel MOS FET High Speed Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3290 Datasheet(HTML) 6 Page - Renesas Technology Corp

  2SK3290 Datasheet HTML 1Page - Renesas Technology Corp 2SK3290 Datasheet HTML 2Page - Renesas Technology Corp 2SK3290 Datasheet HTML 3Page - Renesas Technology Corp 2SK3290 Datasheet HTML 4Page - Renesas Technology Corp 2SK3290 Datasheet HTML 5Page - Renesas Technology Corp 2SK3290 Datasheet HTML 6Page - Renesas Technology Corp 2SK3290 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2SK3290
4
Package Dimensions
0.16
0 – 0.1
+ 0.10
– 0.06
0.4
+ 0.10
– 0.05
0.95
0.95
1.9
± 0.2
2.95
± 0.2
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
MPAK
Conforms
0.011 g
As of January, 2001
Unit: mm


Similar Part No. - 2SK3290

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3290 HITACHI-2SK3290 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
VBsemi Electronics Co.,...
2SK3290 VBSEMI-2SK3290 Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - 2SK3290

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK3288 HITACHI-2SK3288 Datasheet
39Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
2SK3380 HITACHI-2SK3380 Datasheet
26Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
logo
Sanyo Semicon Device
FW306 SANYO-FW306 Datasheet
17Kb / 2P
   N- Channel Silicon MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3287 RENESAS-2SK3287 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
logo
Hitachi Semiconductor
2SK3289 HITACHI-2SK3289 Datasheet
27Kb / 5P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 HITACHI-2SK3348 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
logo
Renesas Technology Corp
2SK3289 RENESAS-2SK3289 Datasheet
44Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3378 RENESAS-2SK3378 Datasheet
140Kb / 7P
   Silicon N Channel MOS FET High Speed Switching
2SK3348 RENESAS-2SK3348 Datasheet
157Kb / 10P
   Silicon N Channel MOS FET High Speed Switching
2SK3349 RENESAS-2SK3349 Datasheet
97Kb / 12P
   Silicon N Channel MOS FET High Speed Switching
June 1999
logo
Hitachi Semiconductor
2SK3287 HITACHI-2SK3287 Datasheet
40Kb / 8P
   Silicon N Channel MOS FET High Speed Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com