Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3727GM6-XXXSP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M3727GM6-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3727GM6-XXXSP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M3727GM6-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M3727GM6-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M3727GM6-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M3727GM6-XXXSP Datasheet HTML 9Page - Renesas Technology Corp M3727GM6-XXXSP Datasheet HTML 10Page - Renesas Technology Corp M3727GM6-XXXSP Datasheet HTML 11Page - Renesas Technology Corp M3727GM6-XXXSP Datasheet HTML 12Page - Renesas Technology Corp M3727GM6-XXXSP Datasheet HTML 13Page - Renesas Technology Corp M3727GM6-XXXSP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 129 page
background image
M3727GM6/M8–XXXSP/FP M37272E8SP/FP
Rev.1.00
Apr 01, 2001
page 10 of 127
REJ03B0132-0100Z
Fig. 7.2 I/O Pin Block Diagram (2)
Internal circuit
P52–P55
P50, P51
Internal circuit
CMOS input
Ports P50, P51
Note : Each pin is also used
as follows :
P50 : HSYNC
P51 : VSYNC
CMOS output
Ports P52–P55
Note : Each pin is also used
as follows :
P52 : R
P53 : G
P54 : B
P55 : OUT1
CMOS output
Ports P1, P2, P30, P31
Notes 1: Each port is also used as follows :
P10 : OUT2
P11 : SCL1
P12 : SCL2
P13 : SDA15
P14 : SDA2
P15 : AD1/INT3
P16 : AD2
P17 : AD3
2: The output structure of ports P30 and P31 can be selected either CMOS output or N-channel open-
drain output structure (when selecting N-channel open-drain, it is the same with P00–P07).
3: The output structure of ports P11–P14 is N-channel open-drain output when using as multi-master
I2C-BUS interface (when selecting N-channel open-drain, it is the same with P00–P07).
4: The output structure of ports P20 and P21 is N-channel open-drain output when using as serial
output (when selecting N-channel open-drain, it is the same with P00–P07).
P20 : SCLK
P21 : SOUT
P22 : SIN
P23 : TIM3
P24 : TIM2
P30 : AD5
P31 : AD6
Ports P1, P2, P30, P31
Direction register
Port latch
Data bus


Similar Part No. - M3727GM6-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M3727GM6-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com