Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37221FP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M37221FP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37221FP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M37221FP Datasheet HTML 2Page - Renesas Technology Corp M37221FP Datasheet HTML 3Page - Renesas Technology Corp M37221FP Datasheet HTML 4Page - Renesas Technology Corp M37221FP Datasheet HTML 5Page - Renesas Technology Corp M37221FP Datasheet HTML 6Page - Renesas Technology Corp M37221FP Datasheet HTML 7Page - Renesas Technology Corp M37221FP Datasheet HTML 8Page - Renesas Technology Corp M37221FP Datasheet HTML 9Page - Renesas Technology Corp M37221FP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
M37221M4H/M6H/M8H/MAH–XXXSP/FP M37221EASP/FP
Rev.1.00
Oct 01, 2002
page 6 of 110
REJ03B0134-0100Z
Parameter
Functions
Number of basic instructions
71
Number of basic instructions
0.5 µs (the minimum instruction execution time, at 8 MHz oscillation fre
quency)
Instruction execution time
8 MHz (maximum)
Memory size
ROM M37221M4H-XXXSP/FP
16K bytes
M37221M6H-XXXSP/FP
24K bytes
M37221M8H-XXXSP/FP
32K bytes
M37221MAH-XXXSP/FP,
40K bytes
M37221EASP/FP
RAM
M37221M4H-XXXSP/FP
384 bytes (ROM correction memory included)
M37221M6H-XXXSP/FP
448 bytes (ROM correction memory included)
M37221M8H-XXXSP/FP
576 bytes (ROM correction memory included)
M37221MAH-XXXSP/FP,
704 bytes (ROM correction memory included)
M37221EASP/FP
OSD ROM
8 K bytes
OSD RAM
96 bytes
tInput/Output ports
P0
I/O
8-bit 5 1 (N-channel open-drain output structure, can be used as PWM
output pins, INT input pins, A-D input pin)
P10, P15–P17
I/O
4-bit ✕ 1 (CMOS input/output structure, can be used as OSD output pin,
A-D input pins, INT input pin)
P11–P14
I/O
4-bit ✕ 1 (CMOS input/output structure, can be used as multi-master I2C-
BUS interface)
P20, P21
I/O
2-bit ✕ 1 (CMOS input/output or N-channel open-drain output structure,
can be used as serial I/O pins)
P22–P27
I/O
6-bit ✕ 1 (CMOS input/output structure, can be used as serial input pin,
timer external clock input pins)
P30, P31
I/O
2-bit ✕ 1 (CMOS input/output or N-channel open-drain output structure, can
be used as A-D input pins, D-A conversion output pins <Only M37221EASP/FP>)
P32
I/O
1-bit ✕ 1 (N-channel open-drain output structure)
P33, P34
Input
2-bit ✕ 1 (can be used as OSD display clock I/O pins)
P52–P55
Output
4-bit ✕ 1 (CMOS output structure, can be used as OSD output pins)
Serial I/O
8-bit ✕ 1
Multi-master I2C-BUS interface
1 (2 systems)
A-D comparator
6 channels (6-bit resolution)
D-A converter
2 (6-bit resolution) (Only M37221EASP/FP)
PWM output circuit
14-bit ✕ 1, 8-bit ✕ 6
Timers
8-bit timer ✕ 4
ROM correction function
2 vectors
Subroutine nesting
M37221M4H/M6H-XXXSP/FP
96 levels (maximum)
M37221M8H/MAH-XXXSP/FP,
128 levels (maximum)
M37221EASP/FP
Interrupt
<14 sources>
INT external interrupt ✕ 3, Internal timer interrupt ✕ 4, Serial I/O interrupt ✕ 1,
OSD interrupt ✕ 1, Multi-master I2C-BUS interface interrupt ✕ 1, f(XIN)/4096
interrupt ✕ 1, VSYNC interrupt ✕ 1, BRK interrupt ✕ 1, Reset ✕ 1
Clock generating circuit
2 built-in circuits (externally connected a ceramic resonator or a quartz-
crystal oscillator)
6. PERFORMANCE OVERVIEW
Table 6.1 Performance Overview


Similar Part No. - M37221FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37221 MITSUBISHI-M37221 Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37221 MITSUBISHI-M37221 Datasheet
1Mb / 61P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37221EFSP MITSUBISHI-M37221EFSP Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M4H RENESAS-M37221M4H_15 Datasheet
1Mb / 114P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results

Similar Description - M37221FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37224M3 MITSUBISHI-M37224M3 Datasheet
901Kb / 83P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
logo
Renesas Technology Corp
M37221M6 RENESAS-M37221M6_03 Datasheet
1Mb / 62P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37221EF MITSUBISHI-M37221EF Datasheet
1Mb / 63P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER???
M37100M8 MITSUBISHI-M37100M8 Datasheet
1Mb / 49P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37102M8 MITSUBISHI-M37102M8 Datasheet
1Mb / 51P
   SINGLE CHIP 8 BIT CMOS MICROCOMPUTER FOR VOLTAGE SYNTHESIZER WITH ON SCREEN DISPLAY CONTROLLER
M37210M3 MITSUBISHI-M37210M3 Datasheet
764Kb / 59P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER?
logo
Renesas Technology Corp
M37224M3 RENESAS-M37224M3 Datasheet
1Mb / 84P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
M37210M3 RENESAS-M37210M3 Datasheet
1,000Kb / 60P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37103M4 MITSUBISHI-M37103M4 Datasheet
2Mb / 46P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37212M4 RENESAS-M37212M4 Datasheet
1Mb / 120P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER for VOLTAGE SYNTHESIZER with ON-SCREEN DISPLAY CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com