Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37512FCHHP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M37512FCHHP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37512FCHHP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M37512FCHHP Datasheet HTML 6Page - Renesas Technology Corp M37512FCHHP Datasheet HTML 7Page - Renesas Technology Corp M37512FCHHP Datasheet HTML 8Page - Renesas Technology Corp M37512FCHHP Datasheet HTML 9Page - Renesas Technology Corp M37512FCHHP Datasheet HTML 10Page - Renesas Technology Corp M37512FCHHP Datasheet HTML 11Page - Renesas Technology Corp M37512FCHHP Datasheet HTML 12Page - Renesas Technology Corp M37512FCHHP Datasheet HTML 13Page - Renesas Technology Corp M37512FCHHP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 87 page
background image
Feb 18, 2005
page 10 of 85
REJ03B0122-0101
7512 Group
Fig. 8 Memory map of special function register (SFR)
000016
000116
000216
000316
000416
000516
000616
000716
000816
000916
000A16
000B16
000C16
000D16
000E16
000F16
001016
001116
001216
001316
001416
001516
001616
001716
001816
001916
001A16
001B16
001C16
001D16
001E16
001F16
Port P0 (P0)
Port P0 direction register (P0D)
Port P1 (P1)
Port P1 direction register (P1D)
Port P2 (P2)
Port P2 direction register (P2D)
Port P3 (P3)
Port P3 direction register (P3D)
Port P4 (P4)
Port P4 direction register (P4D)
Discharge counter latch low-order register (DCHARGEL)
Discharge counter latch high-order register (DCHARGEH)
Charge counter latch low-order register (CHARGEL)
Charge counter latch high-order register (CHARGEH)
Current integrator control register (CINFCON)
Short current detector control register (SCDCON)
Over current detector control register (OCDCON)
Current detect time set up register 1 (OCDTIME1)
Wake up current detector control register1 (WUDCON1)
Current detect status register (OCDSTS)
Wake up current detector control register2 (WUDCON2)
Serial I/O2 control register 1 (SIO2CON1)
Serial I/O2 control register 2 (SIO2CON2)
Serial I/O2 register (SIO2)
Transmit/Receive buffer register (TB/RB)
Serial I/O1 status register (SIOSTS)
Serial I/O1 control register (SIOCON)
UART control register (UARTCON)
Baud rate generator (BRG)
PWM control register (PWMCON)
PWM prescaler (PREPWM)
PWM register (PWM)
002016
002116
002216
002316
002416
002516
002616
002716
002816
002916
002A16
002B16
002C16
002D16
002E16
002F16
003016
003116
003216
003316
003416
003516
003616
003716
003816
003916
003A16
003B16
003C16
003D16
003E16
003F16
0FF016
0FF116
0FF216
0FF316
0FF416
0FF516
Prescaler 12 (PRE12)
Timer 1 (T1)
Timer 2 (T2)
Timer XY mode register (TM)
Prescaler X (PREX)
Timer X (TX)
Prescaler Y (PREY)
Timer Y (TY)
Timer count source selection register (TCSS)
SFR protect control register (PRREG)
I2C data shift register (S0)
I2C address register (S0D)
I2C status register (S1)
I2C control register (S1D)
I2C clock control register (S2)
I2C start/stop condition control register (S2D)
I2C additional register (S3)
32kHz RC oscillation control register0 (32KOSCC0)
32kHz RC oscillation control register1 (32KOSCC1)
AD control register (ADCON)
AD conversion low-order register (ADL)
AD conversion high-order register (ADH)
MISRG2
MISRG
Watchdog timer control register (WDTCON)
Interrupt edge selection register 1 (INTEDGE1)
CPU mode register (CPUM)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)
Charge over current detector control register (COCDCON)
Current detect time set up register 2 (OCDTIME2)
High-speed RC oscillator frequency set up register (O4RCFRG)
High-speed RC oscillator frequency counter (O4RCFCNT)
High-speed RC oscillator control register (O4RCCOT)
Interrupt edge selection register 2 (INTEDG2)
* Reserved : Do not write any data to the reserved area.
0FE016
0FE116
0FE216
0FE316
0FE416
0FE516
0FE616
0FE716
0FE816
0FE916
0FEA16
0FEB16
0FEC16
0FED16
0FEE16
0FEF16
Flash memory control register 0 (FMCR0)
Flash memory control register 1 (FMCR1)
Flash memory control register 2 (FMCR2)
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *
Reserved *


Similar Part No. - M37512FCHHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37510E1156FP MITSUBISHI-M37510E1156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37510E2156FP MITSUBISHI-M37510E2156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37510E3156FP MITSUBISHI-M37510E3156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37510E4156FP MITSUBISHI-M37510E4156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37510E5156FP MITSUBISHI-M37510E5156FP Datasheet
614Kb / 43P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37512FCHHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com