Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR8CM-12A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # CR8CM-12A
Description  Thyristor Medium Power Use
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR8CM-12A Datasheet(HTML) 4 Page - Renesas Technology Corp

  CR8CM-12A Datasheet HTML 1Page - Renesas Technology Corp CR8CM-12A Datasheet HTML 2Page - Renesas Technology Corp CR8CM-12A Datasheet HTML 3Page - Renesas Technology Corp CR8CM-12A Datasheet HTML 4Page - Renesas Technology Corp CR8CM-12A Datasheet HTML 5Page - Renesas Technology Corp CR8CM-12A Datasheet HTML 6Page - Renesas Technology Corp CR8CM-12A Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
CR8CM-12A
REJ03G1707-0100 Rev.1.00 Jul 03, 2008
Page 4 of 6
Maximum Average Power Dissipation
(Single-Phase Half Wave)
Average On-State Current (A)
Allowable Case Temperature vs.
Average On-State Current
(Single-Phase Half Wave)
Average On-State Current (A)
Maximum Average Power Dissipation
(Single-Phase Full Wave)
Average On-State Current (A)
Allowable Case Temperature vs.
Average On-State Current
(Single-Phase Full Wave)
Average On-State Current (A)
Maximum Average Power Dissipation
(Rectangular Wave)
Average On-State Current (A)
Allowable Case Temperature vs.
Average On-State Current
(Rectangular Wave)
Average On-State Current (A)
θ θ
360°
Resistive
loads
20
12
4
2
16
8
14
6
18
10
0
16
0
8
412
14
6
210
θ = 30°
60°
120°
90°
180°
θ
360°
Resistive,
inductive loads
160
120
40
80
140
100
20
60
0
16
0
8
412
14
6
210
θ = 30°
60°
120°
90°
180°
θ
360°
Resistive,
inductive loads
20
16
4
12
8
18
14
2
10
6
0
16
0
8
412
14
6
210
θ = 30°
60°
120°
90°
180°
θ θ
360°
Resistive loads
160
120
40
80
140
100
20
60
0
16
0
48
12
14
26
10
θ = 30°
60°
120°
90°
180°
20
12
4
16
8
18
10
2
14
6
0
16
0
8
412
14
6
210
θ = 30°
60°
120°
90°
180°
270°
DC
θ
360°
Resistive,
inductive loads
160
120
40
80
140
100
20
60
0
16
0
412
8
14
210
6
θ = 30°
120°
180°
DC
270°
90°
60°
θ
360°
Resistive,
inductive loads


Similar Part No. - CR8CM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR8CM-12A RENESAS-CR8CM-12A Datasheet
128Kb / 8P
   600V - 8A - Thyristor Medium Power Use
CR8CM-12A-A8 RENESAS-CR8CM-12A-A8 Datasheet
128Kb / 8P
   600V - 8A - Thyristor Medium Power Use
CR8CM-12A RENESAS-CR8CM-12A_13 Datasheet
128Kb / 8P
   600V - 8A - Thyristor Medium Power Use
CR8CM-12A RENESAS-CR8CM-12A_15 Datasheet
128Kb / 8P
   600V - 8A - Thyristor Medium Power Use
More results

Similar Description - CR8CM-12A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR6KM-12A RENESAS-CR6KM-12A Datasheet
107Kb / 7P
   Thyristor Medium Power Use
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR6PM-12B RENESAS-CR6PM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12CS-16B RENESAS-CR12CS-16B_15 Datasheet
119Kb / 9P
   Thyristor Medium Power Use
CR6PM-12G RENESAS-CR6PM-12G Datasheet
101Kb / 8P
   Thyristor Medium Power Use
CR6LM-12B RENESAS-CR6LM-12B_15 Datasheet
84Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B_15 Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
   Thyristor Medium Power Use
CR12LM-12B RENESAS-CR12LM-12B Datasheet
85Kb / 7P
   Thyristor Medium Power Use
CR8CM-12B RENESAS-CR8CM-12B_13 Datasheet
127Kb / 9P
   Thyristor Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com