Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR8PM-12 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CR8PM-12
Description  Thyristor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR8PM-12 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CR8PM-12 Datasheet HTML 1Page - Renesas Technology Corp CR8PM-12 Datasheet HTML 2Page - Renesas Technology Corp CR8PM-12 Datasheet HTML 3Page - Renesas Technology Corp CR8PM-12 Datasheet HTML 4Page - Renesas Technology Corp CR8PM-12 Datasheet HTML 5Page - Renesas Technology Corp CR8PM-12 Datasheet HTML 6Page - Renesas Technology Corp CR8PM-12 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
CR8PM-12
Rev.1.00, Aug.20.2004, page 2 of 6
Parameter
Symbol
Ratings
Unit
Conditions
RMS on-state current
IT (RMS)
12.6
A
Average on-state current
IT (AV)
8
A
Commercial frequency, sine half wave
180° conduction, Tc = 81°C
Surge on-state current
ITSM
120
A
60Hz sine half wave 1 full cycle,
peak value, non-repetitive
I
2t for fusing
I
2t60
A
2s
Value corresponding to 1 cycle of half
wave 60Hz, surge on-state current
Peak gate power dissipation
PGM
5W
Average gate power dissipation
PG (AV)
0.5
W
Peak gate forward voltage
VFGM
6V
Peak gate reverse voltage
VRGM
10
V
Peak gate forward current
IFGM
2A
Junction temperature
Tj
– 40 to +125
°C
Storage temperature
Tstg
– 40 to +125
°C
Mass
2.0
g
Typical value
Isolation voltage
Viso
1500
V
Ta = 25°C, AC 1 minute,
each terminal to case
Electrical Characteristics
Rated value
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Repetitive peak reverse current
IRRM
2.0
mA
Tj = 125°C, VRRM applied
Repetitive peak off-state current
IDRM
2.0
mA
Tj = 125°C, VDRM applied
On-state voltage
VTM
1.4
V
Tc = 25°C, ITM = 25 A,
instantaneous value
Gate trigger voltage
VGT
1.0
V
Tj = 25°C, VD = 6 V, IT = 1 A
Gate non-trigger voltage
VGD
0.2
V
Tj = 125°C, VD = 1/2 VDRM
Gate trigger current
IGT
15
mA
Tj = 25°C, VD = 6 V, IT = 1 A
Holding current
IH
15
mA
Tj = 25°C, VD = 12 V
Thermal resistance
Rth (j-c)
3.7
°C/W
Junction to case
Note1
Notes: 1. The contact thermal resistance Rth (c-f) in case of greasing is 0.5°C/W.


Similar Part No. - CR8PM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR8PM-12A RENESAS-CR8PM-12A_15 Datasheet
92Kb / 7P
   Thyristor Medium Power Use
CR8PM-12B RENESAS-CR8PM-12B Datasheet
80Kb / 8P
   Thyristor Medium Power Use
logo
Inchange Semiconductor ...
CR8PM-12B ISC-CR8PM-12B Datasheet
300Kb / 3P
   isc Thyristors
logo
Renesas Technology Corp
CR8PM-12B RENESAS-CR8PM-12B_15 Datasheet
80Kb / 8P
   Thyristor Medium Power Use
More results

Similar Description - CR8PM-12

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com