Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37516M1-XXXKP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M37516M1-XXXKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37516M1-XXXKP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M37516M1-XXXKP Datasheet HTML 1Page - Renesas Technology Corp M37516M1-XXXKP Datasheet HTML 2Page - Renesas Technology Corp M37516M1-XXXKP Datasheet HTML 3Page - Renesas Technology Corp M37516M1-XXXKP Datasheet HTML 4Page - Renesas Technology Corp M37516M1-XXXKP Datasheet HTML 5Page - Renesas Technology Corp M37516M1-XXXKP Datasheet HTML 6Page - Renesas Technology Corp M37516M1-XXXKP Datasheet HTML 7Page - Renesas Technology Corp M37516M1-XXXKP Datasheet HTML 8Page - Renesas Technology Corp M37516M1-XXXKP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
7516 Group (Spec. H)
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The 7516 group (Spec. H) is the 8-bit microcomputer based on the
740 family core technology.
The 7516 group (Spec. H) is designed for the household products
and office automation equipment and includes serial I/O functions,
8-bit timer, A-D converter, and I2C-BUS interface.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.5
µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ............................................................... 16 K to 24 K bytes
RAM ................................................................... 512 to 640 bytes
qProgrammable input/output ports ............................................ 36
qInterrupts ................................................. 17 sources, 16 vectors
qTimers ............................................................................. 8-bit ✕ 4
qSerial I/O1 ................... 8-bit ✕ 1 (UART or Clock-synchronized)
qSerial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)
qMulti-master I2C-BUS interface (option) ...................... 1 channel
qPWM ............................................................................... 8-bit ✕ 1
qA-D converter ............................................... 10-bit ✕ 6 channels
qWatchdog timer ............................................................ 16-bit ✕ 1
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M37516MXH-XXXKP pin configuration
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In high-speed mode .................................................. 2.7 to 5.5 V
(at 4 MHz oscillation frequency)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 8 MHz oscillation frequency)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode .......................................................... 34 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode ............................................................ 60
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
22
12
34
35
36
37
38
39
40
41
42
43
44
21
20
19
18
17
16
15
14
13
M37516MXH-XXXKP
Package type : 44PJX-A
P17/(LED7)
P13/(LED3)
P14/(LED4)
P15/(LED5)
P16/(LED6)
VSS
XOUT
XIN
RESET
P20/XCOUT
P21/XCIN
P44/INT3/PWM
P35/AN5
P34/AN4
P31/AN1
P30/AN0
VCC
AVSS
P33/AN3
P32/AN2
VREF
P45


Similar Part No. - M37516M1-XXXKP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37516M1-XXXHP RENESAS-M37516M1-XXXHP Datasheet
1Mb / 90P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37516M1-XXXKP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com