Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38066MEA-XXXSP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M38066MEA-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38066MEA-XXXSP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M38066MEA-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M38066MEA-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M38066MEA-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M38066MEA-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M38066MEA-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M38066MEA-XXXSP Datasheet HTML 9Page - Renesas Technology Corp M38066MEA-XXXSP Datasheet HTML 10Page - Renesas Technology Corp M38066MEA-XXXSP Datasheet HTML 11Page - Renesas Technology Corp M38066MEA-XXXSP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 101 page
background image
Rev.3.01
2003.06.20
page 8 of 98
3850 Group (Spec.H/A)
GROUP EXPANSION
Renesas Technology plans to expand the 3850 group (spec. H/A)
as follows.
Memory Type
Support for mask ROM, One Time PROM, and flash memory ver-
sions.
Memory Size
Flash memory size ......................................................... 32 K bytes
Mask ROM size ................................... 8 K to 32 K bytes (spec. H)
8 K to 16 K bytes (spec. A)
RAM size ............................................... 512 to 1 K bytes (spec. H)
512 bytes (spec. A)
Packages
42P4B ......................................... 42-pin shrink plastic-molded DIP
42P2R-A/E ........................................... 42-pin plastic-molded SOP
42S1B-A .................. 42-pin shrink ceramic DIP (EPROM version)
Fig. 6 Memory expansion plan
Memory Expansion Plan
32K
28K
24K
20K
16K
12K
8K
384
512
640
768
896
1024
1152
1280
1408
1536
2048
ROM
exteranal
ROM size (bytes)
RAM size (bytes)
M38507M8/F8
M38504M6/E6
M38503M4H
Mass production
Mass production
Mass production
M38503M4A
Mass production
M38503M2H
M38503M2A
Mass production
Mass production


Similar Part No. - M38066MEA-XXXSP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38066ME-FP RENESAS-M38066ME-FP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38066ME-XXXFP RENESAS-M38066ME-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38066ME-XXXFP RENESAS-M38066ME-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38066ME-XXXFS RENESAS-M38066ME-XXXFS Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
M38066MEDFP RENESAS-M38066MEDFP Datasheet
798Kb / 58P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38066MEA-XXXSP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com