Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7542 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 7542
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7542 Datasheet(HTML) 5 Page - Renesas Technology Corp

  7542 Datasheet HTML 1Page - Renesas Technology Corp 7542 Datasheet HTML 2Page - Renesas Technology Corp 7542 Datasheet HTML 3Page - Renesas Technology Corp 7542 Datasheet HTML 4Page - Renesas Technology Corp 7542 Datasheet HTML 5Page - Renesas Technology Corp 7542 Datasheet HTML 6Page - Renesas Technology Corp 7542 Datasheet HTML 7Page - Renesas Technology Corp 7542 Datasheet HTML 8Page - Renesas Technology Corp 7542 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 122 page
background image
7542 Group
Rev.3.03
Jul 11, 2008
Page 5 of 117
REJ03B0006-0303
Table 1 Performance overview
Parameter
71
0.25 µs
(Minimum instruction, oscillation frequency 8 MHz: double-speed mode)
8 MHz (max.)
8 K to 16 K bytes
384 to 512 bytes
16 K to 32 K + 4 K bytes
1024 bytes
•8-bit ✕ 3, 5-bit ✕ 1 (8-bit ✕ 1, 6-bit ✕ 2, 5-bit ✕ 1 for 32-pin version and
PWQN0036KA-A package version)
18 sources, 16 vectors
•8-bit ✕ 2, 16-bit ✕ 2
4 channel
2 channel
8-bit ✕ 2 (UART or clock synchronous)
10-bit ✕ 8 channel
(6 channel for 32-pin version and PWQN0036KA-A package version)
16-bit ✕ 1
Built-in
(external ceramic resonator or quartz-crystal oscillator, RC oscillation available)
(Low consumption current by on-chip oscillator available)
4.0 to 5.5 V
2.4 to 5.5 V
2.7 to 5.5 V
2.2 to 5.5 V
2.7 to 5.5 V
4.5 to 5.5 V
4.5 to 5.5 V
2.4 to 5.5 V
2.7 to 5.5 V
2.2 to 5.5 V
2.7 to 5.5 V
4.5 to 5.5 V
2.4 to 5.5 V
2.7 to 5.5 V
2.2 to 5.5 V
2.7 to 5.5 V
27.5 mW (Typ.)
24.0 mW (Typ.)
-20 to 85 °C
CMOS silicon gate
32-pin plastic molded SDIP/LQFP, 36-pin plastic molded SSOP/WQFN
Number of basic instructions
Instruction execution time
Oscillation frequency
Memory sizes Mask ROM
ROM
RAM
FLASH ROM
ROM
RAM
I/O port
P0, P1, P2, P3
Interrupts
Timer
Output compare
Input capture
Serial interface
A/D converter
Watchdog timer
Clock generating circuit
Power source High-speed mode
At 8MHz
Mask ROM
voltage
Middle-speed mode oscillation
FLASH ROM
(at ceramic
At 4MHz
Mask ROM
resonance)
oscillation
FLASH ROM
At 2MHz
Mask ROM
oscillation
FLASH ROM
Double-speed mode At 8MHz
Mask ROM
oscillation
FLASH ROM
At 6.5MHz Mask ROM
oscillation
FLASH ROM
At 2MHz
Mask ROM
oscillation
FLASH ROM
At 1MHz
Mask ROM
oscillation
FLASH ROM
Power source High-speed mode
At 4MHz
Mask ROM
voltage
Middle-speed mode oscillation
FLASH ROM
(at RC oscillation)
At 2MHz
Mask ROM
oscillation
FLASH ROM
At 1MHz
Mask ROM
oscillation
FLASH ROM
Power dissipation
Mask ROM
FLASH ROM
Operating temperature range
Device structure
Package
Function


Similar Part No. - 7542

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
75420 MOLEX-75420 Datasheet
318Kb / 3P
   1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
logo
Texas Instruments
75425-EP TI-75425-EP Datasheet
388Kb / 27P
[Old version datasheet]   POWER GOOD FAST-TRANSIENT-RESPONSE 2-A LOW-DROPOUT VOLTAGE REGULATORS
logo
Molex Electronics Ltd.
75426 MOLEX-75426 Datasheet
318Kb / 3P
   1.85 by 1.85mm (.073 by .073?? Pitch GbX* Backplane Connector System in 2, 3, 4 and 5-Pair Columns
More results

Similar Description - 7542

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com