Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU16NC50 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STU16NC50
Description  N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU16NC50 Datasheet(HTML) 6 Page - STMicroelectronics

  STU16NC50 Datasheet HTML 1Page - STMicroelectronics STU16NC50 Datasheet HTML 2Page - STMicroelectronics STU16NC50 Datasheet HTML 3Page - STMicroelectronics STU16NC50 Datasheet HTML 4Page - STMicroelectronics STU16NC50 Datasheet HTML 5Page - STMicroelectronics STU16NC50 Datasheet HTML 6Page - STMicroelectronics STU16NC50 Datasheet HTML 7Page - STMicroelectronics STU16NC50 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STU16NC50
6/8
Fig. 5: Test Circuit For Inductive Load Switching
And Diode Recovery Times
Fig. 4: Gate Charge test Circuit
Fig. 2: Unclamped Inductive Waveform
Fig. 1: Unclamped Inductive Load Test Circuit
Fig. 3: Switching Times Test Circuit For
Resistive Load


Similar Part No. - STU16NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU16N60M2 STMICROELECTRONICS-STU16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STU16N65M2 STMICROELECTRONICS-STU16N65M2 Datasheet
824Kb / 16P
   N-channel 650 V, 0.32 ??typ., 11 A MDmesh M2 Power MOSFETs in TO-220 and IPAK packages
October 2014 Rev 1
STU16N65M5 STMICROELECTRONICS-STU16N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247
logo
Inchange Semiconductor ...
STU16N65M5 ISC-STU16N65M5 Datasheet
316Kb / 2P
   isc N-Channel Mosfet Transistor
logo
STMicroelectronics
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
   N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
More results

Similar Description - STU16NC50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU13NC50 STMICROELECTRONICS-STU13NC50 Datasheet
258Kb / 8P
   N-CHANNEL 500V - 0.31ohm - 13A Max220 PowerMesh?줚I MOSFET
STW20NC50 STMICROELECTRONICS-STW20NC50 Datasheet
249Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 18.4A TO-247 PowerMesh?줚I MOSFET
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
   N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
STW20NB50 STMICROELECTRONICS-STW20NB50 Datasheet
86Kb / 8P
   N - CHANNEL 500V - 0.22ohm - 20A - TO-247 PowerMESH MOSFET
STB8NC50 STMICROELECTRONICS-STB8NC50 Datasheet
441Kb / 9P
   N-CHANNEL 500V - 0.7ohm - 8A D2PAK PowerMesh?줚I MOSFET
STB4NC50 STMICROELECTRONICS-STB4NC50 Datasheet
244Kb / 8P
   N-CHANNEL 500V - 2.2ohm - 4A D2PAK PowerMesh?줚I MOSFET
STE53NC50 STMICROELECTRONICS-STE53NC50 Datasheet
275Kb / 8P
   N-CHANNEL 500V - 0.070ohm - 53A ISOTOP PowerMesh?줚I MOSFET
STP3NC50 STMICROELECTRONICS-STP3NC50 Datasheet
238Kb / 8P
   N-CHANNEL 500V - 3ohm - 2.8A TO-220 PowerMesh?줚I MOSFET
STD2NC50 STMICROELECTRONICS-STD2NC50 Datasheet
442Kb / 10P
   N-CHANNEL 500V - 3ohm - 2.2A DPAK/IPAK PowerMesh?줚I MOSFET
STD4NC50 STMICROELECTRONICS-STD4NC50_07 Datasheet
190Kb / 9P
   N-CHANNEL 500V - 1.3??- 3.7A DPAK/IPAK PowerMesh?줚I MOSFET
August 2001
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com