Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37545RLSS Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M37545RLSS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37545RLSS Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M37545RLSS Datasheet HTML 4Page - Renesas Technology Corp M37545RLSS Datasheet HTML 5Page - Renesas Technology Corp M37545RLSS Datasheet HTML 6Page - Renesas Technology Corp M37545RLSS Datasheet HTML 7Page - Renesas Technology Corp M37545RLSS Datasheet HTML 8Page - Renesas Technology Corp M37545RLSS Datasheet HTML 9Page - Renesas Technology Corp M37545RLSS Datasheet HTML 10Page - Renesas Technology Corp M37545RLSS Datasheet HTML 11Page - Renesas Technology Corp M37545RLSS Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
Rev.1.06
Mar 07, 2008
Page 8 of 59
REJ03B0140-0106
7545 Group
GROUP EXPANSION
We are planning to expand the 7545 group as follow:
Memory Type
Support for QzROM version and emulator MCU.
Memory Size
• ROM size ..................................................... 4 K to 60 K bytes
• RAM size .......................................................... 256, 512 bytes
Packages
• PLQP0032GB-A ... 0.8 mm-pitch 32-pin plastic molded LQFP
• PLSP0032JB-A ... 0.65 mm-pitch 32-pin plastic molded SSOP
• 42S1M ...........................42-pin shrink ceramic PIGGY BACK
Fig. 6 Memory expansion plan
Currently supported products are listed below.
256
512
32K
24K
16K
0
M37545G8
RAM size
(bytes)
ROM size
(bytes)
M37545G6
M37545G4
8K
60K
48K
4K
M37545G2
M37545G1
M37545GF
M37545GC
**: Under development
**
**
**
**
**
**
**
Table 4
List of supported products
Part number
ROM size (bytes)
ROM size for User ( )
RAM size
(bytes)
Package
Remarks
M37545G1KP
4096 (3966)
256
PLSP0032JB-A
QzROM version (blank)
M37545G2KP
8192 (8062)
PLSP0032JB-A
QzROM version (blank)
M37545G4-XXXGP
16384
(16254)
512
PLQP0032GB-A
QzROM version
M37545G4GP
QzROM version (blank)
M37545G4KP
PLSP0032JB-A
QzROM version (blank)
M37545G6-XXXGP
24576
(24446)
PLQP0032GB-A
QzROM version
M37545G6GP
QzROM version (blank)
M37545G6KP
PLSP0032JB-A
QzROM version (blank)
M37545G8-XXXGP
32768
(32638)
PLQP0032GB-A
QzROM version
M37545G8GP
QzROM version (blank)
M37545G8KP
PLSP0032JB-A
QzROM version (blank)
M37545GC-XXXGP
49152
(49022)
PLQP0032GB-A
QzROM version
M37545GCGP
QzROM version (blank)
M37545GCKP
PLSP0032JB-A
QzROM version (blank)
M37545GF-XXXGP
61440
(61310)
PLQP0032GB-A
QzROM version
M37545GFGP
QzROM version (blank)
M37545GFKP
PLSP0032JB-A
QzROM version (blank)
M37545RLSS
42S1M
Emulator MCU


Similar Part No. - M37545RLSS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37540E2FP RENESAS-M37540E2FP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2FP RENESAS-M37540E2FP Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2GP RENESAS-M37540E2GP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37540E2GP RENESAS-M37540E2GP Datasheet
4Mb / 366P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 740 SERIES
M37540E2SP RENESAS-M37540E2SP Datasheet
860Kb / 88P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37545RLSS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com