Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37733S4LHP Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # M37733S4LHP
Description  16-BIT CMOS MICROCOMPUTER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37733S4LHP Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button M37733S4LHP Datasheet HTML 7Page - Renesas Technology Corp M37733S4LHP Datasheet HTML 8Page - Renesas Technology Corp M37733S4LHP Datasheet HTML 9Page - Renesas Technology Corp M37733S4LHP Datasheet HTML 10Page - Renesas Technology Corp M37733S4LHP Datasheet HTML 11Page - Renesas Technology Corp M37733S4LHP Datasheet HTML 12Page - Renesas Technology Corp M37733S4LHP Datasheet HTML 13Page - Renesas Technology Corp M37733S4LHP Datasheet HTML 14Page - Renesas Technology Corp M37733S4LHP Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
10
MITSUBISHI MICROCOMPUTERS
M37733S4LHP
16-BIT CMOS MICROCOMPUTER
New
product
PROCESSOR MODE
The bits 0 of processor mode register 0 as shown in Figure 8 is used
to select which mode of microprocessor mode, and evaluation chip
mode.
Figure 9 shows functions of P00/A0 to P47 pins in each mode.
The external memory area also changes when the mode changes.
Figure 10 shows the memory map for each mode.
The accessing of the external memory is affected by the BYTE pin,
the bit 2 (wait bit) of processor mode register 0, and bit 0 (wait selection
bit) of processor mode register 1.
• BYTE pin
When accessing the external memory, the level of the BYTE pin is
used to determine whether to use the data bus as 8-bit width or 16-
bit width.
The data bus width is 8 bits when the level of the BYTE pin is “H”,
and P20/A16/D0 to P27/A23/D7 pins become the data I/O pins.
The data bus width is 16 bits when the level of the BYTE pin is “L”,
and both P20/A16/D0 to P27/A23/D7 pins and P10/A8/D8 to P17/A15/
D15 pins become the data I/O pins.
When accessing the internal memory, the data bus width is always
16 bits regardless of the BYTE pin level.
Fig. 8 Processor mode register bit configuration
Not used
Processor mode bit
0 : Microprocessor mode
1 : Evaluation chip mode
Wait bit
0 : Wait
1 : No Wait
Software reset bit
Reset occurs when this bit is set to “1”
Interrupt priority detection time selection bit
0 0 : Internal clock
! 7
0 1 : Internal clock
! 4
1 0 : Internal clock
! 2
This bit must be “0”
76 5 43 2
0
1
0
Processor mode register 0
Address
5E16
Address
5F16
Processor mode register 1
Wait selection bit
0 : Wait 0
1 : Wait 1
76 5 43 2
0
1
1
This bit must be “1”
(becomes “1” after reset release)


Similar Part No. - M37733S4LHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733S4LHP MITSUBISHI-M37733S4LHP Datasheet
927Kb / 36P
   16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37733S4LHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37920S4CGP MITSUBISHI-M37920S4CGP Datasheet
438Kb / 39P
   16 BIT CMOS MICROCOMPUTER
M37735S4BFP MITSUBISHI-M37735S4BFP Datasheet
935Kb / 36P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP MITSUBISHI-M37733S4BFP Datasheet
919Kb / 36P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37906F8CFP RENESAS-M37906F8CFP Datasheet
448Kb / 35P
   16-BIT CMOS MICROCOMPUTER
M37733S4BFP RENESAS-M37733S4BFP Datasheet
839Kb / 37P
   16-BIT CMOS MICROCOMPUTER
M37735S4BFP RENESAS-M37735S4BFP Datasheet
855Kb / 37P
   16-BIT CMOS MICROCOMPUTER
logo
Mitsubishi Electric Sem...
M37906F8CFP MITSUBISHI-M37906F8CFP Datasheet
276Kb / 34P
   16-BIT CMOS MICROCOMPUTER
M37905F8CFP MITSUBISHI-M37905F8CFP Datasheet
362Kb / 34P
   16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37903S4CHP RENESAS-M37903S4CHP Datasheet
192Kb / 11P
   16-BIT CMOS MICROCOMPUTER
M37905M4C-XXXFP RENESAS-M37905M4C-XXXFP Datasheet
1Mb / 103P
   16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com