Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STU7NB90 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STU7NB90
Description  N-CHANNEL 900V - 1.1 ohm - 7.3 A Max220/Max220I PowerMesh??MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU7NB90 Datasheet(HTML) 9 Page - STMicroelectronics

  STU7NB90 Datasheet HTML 1Page - STMicroelectronics STU7NB90 Datasheet HTML 2Page - STMicroelectronics STU7NB90 Datasheet HTML 3Page - STMicroelectronics STU7NB90 Datasheet HTML 4Page - STMicroelectronics STU7NB90 Datasheet HTML 5Page - STMicroelectronics STU7NB90 Datasheet HTML 6Page - STMicroelectronics STU7NB90 Datasheet HTML 7Page - STMicroelectronics STU7NB90 Datasheet HTML 8Page - STMicroelectronics STU7NB90 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9/9
STU7NB90 - STU7NB90I
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is
granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products
are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
The ST logo is a trademark of STMicroelectronics
© 2000 STMicroelectronics – Printed in Italy – All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco -
Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A.
http://www.st.com


Similar Part No. - STU7NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
   N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
More results

Similar Description - STU7NB90

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
   N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STU8NC90Z STMICROELECTRONICS-STU8NC90Z Datasheet
413Kb / 10P
   N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
   N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
STU16NB50 STMICROELECTRONICS-STU16NB50 Datasheet
49Kb / 6P
   N-CHANNEL 500V - 0.28ohm - 15.6A-Max220 PowerMESH MOSFET
STU7NB100 STMICROELECTRONICS-STU7NB100 Datasheet
45Kb / 5P
   N - CHANNEL 1000V - 1.2ohm - 7.3A - Max220 PowerMESH MOSFET
STP3NB90 STMICROELECTRONICS-STP3NB90 Datasheet
85Kb / 6P
   N - CHANNEL 900V - 4 ohm - 3.5 A - TO-220/TO-220FP PowerMESH MOSFET
STU7NA90 STMICROELECTRONICS-STU7NA90 Datasheet
49Kb / 5P
   N - CHANNEL 900V - 1.05 ohm - 7A - Max220 FAST POWER MOS TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com