Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1527 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 2SD1527
Description  Silicon NPN Triple Diffused
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1527 Datasheet(HTML) 4 Page - Renesas Technology Corp

  2SD1527 Datasheet HTML 1Page - Renesas Technology Corp 2SD1527 Datasheet HTML 2Page - Renesas Technology Corp 2SD1527 Datasheet HTML 3Page - Renesas Technology Corp 2SD1527 Datasheet HTML 4Page - Renesas Technology Corp 2SD1527 Datasheet HTML 5Page - Renesas Technology Corp 2SD1527 Datasheet HTML 6Page - Renesas Technology Corp 2SD1527 Datasheet HTML 7Page - Renesas Technology Corp 2SD1527 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SD1527
2
Electrical Characteristics (Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Collector to emitter breakdown
voltage
V
(BR)CEO
1000
V
I
C = 1 mA, RBE = ∞
Emitter to base breakdown
voltage
V
(BR)EBO
5—
VI
E = 1 mA, IC = 0
Collector cutoff current
I
CBO
——
10
µAV
CB = 800 V, IE = 0
DC current transfer ratio
h
FE1
10
V
CE = 5 V, IC = 10 mA
h
FE2
10
V
CE = 5 V, IC = 100 mA
Base to emitter voltage
V
BE
1.2
V
V
CE = 5 V, IC = 100 mA
Collector to emitter saturation
voltage
V
CE (sat)
5VI
C = 300 mA, IB = 60 mA
Gain bandwidth product
f
T
5
MHz
V
CE = 20 V, IC = 50 mA
Collector output capacitance
Cob
5
pF
V
CB = 100 V, IE = 0, f = 1 MHz
0
50
100
150
Case temperature TC (°C)
Maximum Collector Dissipation Curve
30
20
10
Collector to emitter voltage VCE (V)
Area of Safe Operation
30
100
300
1,000
3,000
0.01
0.1
1.0
TC = 25°C
P
C
=
25
W
DC Operation
(50 V, 0.5 A)
(600 V, 0.042 A)
(1,000 V, 0.015 A)


Similar Part No. - 2SD1527

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1527 HITACHI-2SD1527 Datasheet
32Kb / 7P
   Silicon NPN Triple Diffused
logo
List of Unclassifed Man...
2SD1527 ETC1-2SD1527 Datasheet
55Kb / 2P
   Power Bipolar Transistors
More results

Similar Description - 2SD1527

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com