Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38064ME-XXXFP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M38064ME-XXXFP
Description  SINGLE-CHIP 8-BIT MICROCOMPUTER
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38064ME-XXXFP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M38064ME-XXXFP Datasheet HTML 1Page - Renesas Technology Corp M38064ME-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38064ME-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38064ME-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38064ME-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38064ME-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38064ME-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38064ME-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38064ME-XXXFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 61 page
background image
3
3819 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
•Reset input pin for active “L”
VCC, VSS
PIN DESCRIPTION
Pin
Name
Function
Function except a port function
Power source
•Apply voltage of 4.0 to 5.5 V to VCC, and 0 V to VSS.
•Applies voltage supplied to pull-down resistors of ports P0, P1, P20–P23, P3, and P9.
•Reference voltage input pin for A-D converter and D-A converter
•GND input pin for A-D converter and D-A converter
•Connect AVSS to VSS.
•Input and output pins for the main clock generating circuit
•Feedback resistor is built in between XIN pin and XOUT pin.
•Connect a ceramic resonator or a quartz-crystal oscillator between the XIN pin and XOUT pin to
set oscillation frequency.
•If an external clock is used, connect the clock source to the XIN pin and leave the XOUT pin
open.
•This clock is used as the oscillating source of system clock.
•8-bit output port
•This port builds in pull-down resistor between
port P0 and the VEE pin.
•At reset this port is set to VEE level.
•The high-breakdown-voltage P-channel
open-drain
VEE
VREF
AVSS
RESET
XIN
XOUT
P00/SEG32/
DIG0–P07/
SEG39/DIG7
P10/SEG40/
DIG8–P17/
DIG15
P20/DIG16
P23/DIG19
P24–P27
•8-bit output port with the same function as
port P0
•4-bit output port with the same function as
port P0
•4-bit I/O port
•I/O direction register allows each pin to be individually programmed as either input or output.
•At reset this port is set to input mode.
•TTL input level
•CMOS 3-state output
P30/SEG24
P37/SEG31
P40/INT0,
P45/INT1/
ZCR
P42/INT2
P44/INT4
P41
P46/T1OUT,
P47/T3OUT
Pull-down
Power source
Analog reference
voltage
Reset input
Analog power source
Clock input
Clock output
Output port P0
Output port P1
Output port P2
I/O port P2
Output port P3
Input port P4
I/O port P4
•8-bit output port with the same function as
port P0
•2-bit input port
•CMOS compatible input level
•6-bit CMOS I/O port with the same function
as ports P24–P27
•CMOS compatible input level
•CMOS 3-state output
FLD automatic display pins
FLD automatic display pins
FLD automatic display pins
FLD automatic display pins
External interrupt input pins
A zero cross detection circuit input pin (P45)
Timer output pins


Similar Part No. - M38064ME-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38064ME-XXXFP RENESAS-M38064ME-XXXFP Datasheet
1Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38064ME-XXXFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37409M2 MITSUBISHI-M37409M2 Datasheet
963Kb / 29P
   SINGLE CHIP 8 BIT MICROCOMPUTER
M38203M4 MITSUBISHI-M38203M4 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
7534 RENESAS-7534_06 Datasheet
1Mb / 221P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Toshiba Semiconductor
TMP88CS38 TOSHIBA-TMP88CS38 Datasheet
1Mb / 226P
   8-bit single chip microcomputer
logo
Renesas Technology Corp
3886 RENESAS-3886_03 Datasheet
4Mb / 380P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88649 EPSON-S1C88649 Datasheet
227Kb / 20P
   8-bit Single Chip Microcomputer
S1C88650 EPSON-S1C88650 Datasheet
64Kb / 4P
   8-bit Single Chip Microcomputer
S1C88816 EPSON-S1C88816 Datasheet
304Kb / 20P
   8-bit Single Chip Microcomputer
S1C88655 EPSON-S1C88655 Datasheet
88Kb / 4P
   8-bit Single Chip Microcomputer
logo
Renesas Technology Corp
3819 RENESAS-3819_03 Datasheet
2Mb / 218P
   8-BIT SINGLE-CHIP MICROCOMPUTER
logo
Epson Company
S1C88349 EPSON-S1C88349 Datasheet
117Kb / 3P
   8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com