Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6122F721MR Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6122F721MR
Description  Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6122F721MR Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6122F721MR Datasheet HTML 2Page - Torex Semiconductor XC6122F721MR Datasheet HTML 3Page - Torex Semiconductor XC6122F721MR Datasheet HTML 4Page - Torex Semiconductor XC6122F721MR Datasheet HTML 5Page - Torex Semiconductor XC6122F721MR Datasheet HTML 6Page - Torex Semiconductor XC6122F721MR Datasheet HTML 7Page - Torex Semiconductor XC6122F721MR Datasheet HTML 8Page - Torex Semiconductor XC6122F721MR Datasheet HTML 9Page - Torex Semiconductor XC6122F721MR Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6/23
XC6121/XC6122/XC6123/XC6124 Series
PARAMETER
SYMBOL
RATINGS
UNITS
VIN
VSS -0.3 ~ 7.0
V
EN/ENB
VSS-0.3∼VIN+0.3≦7.0
V
Input Voltage
WD
VSS -0.3 ~ 7.0
V
Output Current
IOUT
20
mA
Output Voltage
RESETB
VSS -0.3 ~ 7.0
V
SOT-25
250
Power Dissipation
USP-6C
Pd
100
mW
Operational Temperature Range
Topr
-40 ~ +85
O
C
Storage Temperature Range
Tstg
-55 ~ +125
O
C
■ABSOLUTE MAXIMUM RATINGS
Ta = 25OC


Similar Part No. - XC6122F721MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6122 TOREX-XC6122 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6122 TOREX-XC6122 Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6122A216ER TOREX-XC6122A216ER Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6122A216MR TOREX-XC6122A216MR Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6122A216MR-G TOREX-XC6122A216MR-G Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
More results

Similar Description - XC6122F721MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6121 TOREX-XC6121_1 Datasheet
426Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6121_1A TOREX-XC6121_1A Datasheet
464Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control (VDF=1.6V~5.0V)
XC6101 TOREX-XC6101_1 Datasheet
416Kb / 27P
   Voltage Detector (VDF=1.6V~5.0V)
XD6121 TOREX-XD6121 Datasheet
490Kb / 23P
   Voltage Detector with Watchdog Function and ON/OFF Control
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
   Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Torex Semiconductor
XE61C TOREX-XE61C Datasheet
339Kb / 15P
   Standard Voltage Detectors (VDF=1.6V節?.0V)
XC61G TOREX-XC61G_1 Datasheet
1Mb / 16P
   Low Voltage Detectors (VDF= 0.8V節?.5V) Standard Voltage Detectors (VDF 1.6V節?.0V)
logo
Rohm
BD3021HFP-M ROHM-BD3021HFP-M_10 Datasheet
384Kb / 15P
   Regulator with Voltage Detector and Watchdog Timer
BD3010AFV-M ROHM-BD3010AFV-M Datasheet
561Kb / 22P
   Regulator with Voltage Detector and Watchdog Timer
BD3004HFP ROHM-BD3004HFP_06 Datasheet
1Mb / 9P
   Regulators with Voltage Detector and Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com