Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38503MAA-XXXFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M38503MAA-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38503MAA-XXXFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M38503MAA-XXXFP Datasheet HTML 2Page - Renesas Technology Corp M38503MAA-XXXFP Datasheet HTML 3Page - Renesas Technology Corp M38503MAA-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38503MAA-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38503MAA-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38503MAA-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38503MAA-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38503MAA-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38503MAA-XXXFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
Rev.2.10
2005.11.14
page 6 of 86
REJ03B0093-0210
3850 Group (Spec.A)
Currently planning products are listed below.
Table 3 Differences among 3850 group (standard), 3850 group (spec. H), and 3850 group (spec. A)
Serial interface
A/D converter
Large current port
Software pull-up
resistor
Maximum operating
frequency
3850 group (standard)
1: Serial I/O
(UART or Clock-synchronized)
Unserviceable in low-speed mode
Analog channel ............................. 5
5: P13–P17
Not available
8 MHz
3850 group (spec. H)
2: Serial I/O1 (UART or Clock-synchronized)
Serial I/O2 (Clock-synchronized)
Serviceable in low-speed mode
Analog channel ................................ 5
8: P10–P17
Not available
8 MHz
RAM size (bytes)
Package
Table 2 Support products (spec. A)
Product name
ROM size (bytes)
ROM size for User in (
)
M38503M2A-XXXSP
M38503M2A-XXXFP
M38503M4A-XXXSP
M38503M4A-XXXFP
M38504M6A-XXXSP
M38504M6A-XXXFP
M38507F8ASP
M38507F8AFP
M38507M8A-XXXSP
M38507M8A-XXXFP
PRDP0042BA-A
PRSP0042GA-B
PRDP0042BA-A
PRSP0042GA-B
PRDP0042BA-A
PRSP0042GA-B
PRDP0042BA-A
PRSP0042GA-B
PRDP0042BA-A
PRSP0042GA-B
8192
(8062)
512
16384
(16254)
512
24576
(24446)
3850 group (spec. A)
2: Serial I/O1 (UART or Clock-synchronized)
Serial I/O2 (Clock-synchronized)
Serviceable in low-speed mode
Analog channel ................................ 9
8: P10–P17
Built-in (Port P0–P4)
12.5 MHz
Notes on differences among 3850 group
(standard), 3850 group (spec. H), and 3850
group (spec. A)
(1) The absolute maximum ratings of 3850 group (spec. A) is
smaller than that of 3850 group (standard).
•Power source voltage Vcc = –0.3 to 6.5 V
•CNVss input voltage VI = –0.3 to Vcc +0.3 V
(2) The oscillation circuit constants of XIN-XOUT, XCIN-XCOUT may
be some differences among 3850 group (standard), 3850
group (spec. H), and 3850 group (spec. A).
(3) Do not write any data to the reserved area and the reserved
bit. (Do not change the contents after reset.)
(4) Fix bit 3 of the CPU mode register to “1”.
(5) Be sure to perform the termination of unused pins.
32768
32768
(32635)
640
1024
1024
Remarks
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Mask ROM version
Flash memory version
Mask ROM version


Similar Part No. - M38503MAA-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38503MA-XXXFP RENESAS-M38503MA-XXXFP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38503MA-XXXSP RENESAS-M38503MA-XXXSP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38503MA-XXXSS RENESAS-M38503MA-XXXSS Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38503MAH-XXXFP RENESAS-M38503MAH-XXXFP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
M38503MAH-XXXSP RENESAS-M38503MAH-XXXSP Datasheet
2Mb / 287P
   8-BIT CISC SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 38000 SERIES
More results

Similar Description - M38503MAA-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com