Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38066ED-XXXFP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M38066ED-XXXFP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38066ED-XXXFP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M38066ED-XXXFP Datasheet HTML 4Page - Renesas Technology Corp M38066ED-XXXFP Datasheet HTML 5Page - Renesas Technology Corp M38066ED-XXXFP Datasheet HTML 6Page - Renesas Technology Corp M38066ED-XXXFP Datasheet HTML 7Page - Renesas Technology Corp M38066ED-XXXFP Datasheet HTML 8Page - Renesas Technology Corp M38066ED-XXXFP Datasheet HTML 9Page - Renesas Technology Corp M38066ED-XXXFP Datasheet HTML 10Page - Renesas Technology Corp M38066ED-XXXFP Datasheet HTML 11Page - Renesas Technology Corp M38066ED-XXXFP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
3826 Group
7
GROUP EXPANSION
(One Time PROM Version, EPROM Version)
Mitsubishi plans to expand the 3826 group (One Time PROM ver-
sion, EPROM version) as follows.
Memory Type
Support for One Time PROM version, EPROM version.
Memory Size
ROM/PROM size ............................................... 32 K to 60 K bytes
RAM size .......................................................... 1024 to 2560 bytes
Packages
100P6Q-A .................................. 0.5 mm-pitch plastic molded QFP
100P6S-A ................................ 0.65 mm-pitch plastic molded QFP
100D0 .......................................... Ceramic LCC (EPROM version)
3826 Group Memory Expansion Plan (One Time PROM version, EPROM version)
Fig. 5 Memory expansion plan (One Time PROM version, EPROM version)
Currently products are listed below.
Table 3. List of products (One Time PROM version, EPROM version)
As of Nov. 2001
Remarks
One Time PROM version (shipped in blank)
One Time PROM version (shipped in blank)
One Time PROM version (shipped in blank)
One Time PROM version (shipped in blank)
EPROM version
Package
100P6S-A
100P6Q-A
100P6S-A
100P6Q-A
100D0
Product
M38267E8FP
M38267E8GP
M3826AEFFP
M3826AEFGP
M3826AEFFS
RAM size (bytes)
1024
32768
(32638)
61440
(61310)
ROM size (bytes)
ROM size for User in (
)
2560
256
512
768
1024
1280
1536
1792
192
2048
2304
2560
32K
28K
24K
20K
16K
12K
8K
4K
52K
48K
44K
40K
36K
56K
60K
Mass product
M38267E8
M3826AEF
ROM size (bytes)
RAM size (bytes)
Mass product
Products under development or planning :the development schedule and specification may be revised without notice.


Similar Part No. - M38066ED-XXXFP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38066ED-XXXFP RENESAS-M38066ED-XXXFP Datasheet
969Kb / 61P
   SINGLE-CHIP 8-BIT MICROCOMPUTER
More results

Similar Description - M38066ED-XXXFP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com