Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37754S4CHP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M37754S4CHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37754S4CHP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M37754S4CHP Datasheet HTML 2Page - Renesas Technology Corp M37754S4CHP Datasheet HTML 3Page - Renesas Technology Corp M37754S4CHP Datasheet HTML 4Page - Renesas Technology Corp M37754S4CHP Datasheet HTML 5Page - Renesas Technology Corp M37754S4CHP Datasheet HTML 6Page - Renesas Technology Corp M37754S4CHP Datasheet HTML 7Page - Renesas Technology Corp M37754S4CHP Datasheet HTML 8Page - Renesas Technology Corp M37754S4CHP Datasheet HTML 9Page - Renesas Technology Corp M37754S4CHP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 115 page
background image
5
MITSUBISHI MICROCOMPUTERS
M37754M8C-XXXGP, M37754M8C-XXXHP
M37754S4CGP, M37754S4CHP
PRELIMINAR
Y
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PIN DESCRIPTION (MICROCOMPUTER MODE)
Functions
Input
Input
Input
Output
Output
Input
Input
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
Input/
Output
Name
Pin
VCC, VSS
CNVSS
RESET
XIN
XOUT
E
BYTE
(Note)
AVCC,
AVSS
VREF
P00 – P07
P10 – P17
P20 – P23,
P27
P30 – P33
P40 – P47
P50 – P57
P60 – P67
P70 – P77
P80 – P87
P90 – P95
Supply 5 V±10 % to VCC and 0 V to VSS.
This pin controls the processor mode. Connect to VSS for single-chip mode or memory
expansion mode. Connect to VCC for microprocessor mode and external ROM version.
This is reset input pin. The microcomputer is reset when supplying “L” level to this
pin.
These are I/O pins of internal clock generating circuit. Connect a ceramic or quartz-
crystal resonator between XIN and XOUT. When an external clock is used, the clock
source should be connected to the XIN pin and the XOUT pin should be left open.
_
This pin outputs enable signal E, which indicates access state of data bus for
single-chip mode.
___
This pin outputs RD signal for memory expansion mode or microprocessor mode.
This pin determines whether the external data bus is 8-bit width or 16-bit width for
memory expansion mode or microprocessor mode. The width is 16 bits when “L”
signal inputs and 8 bits when “H” signal inputs.
Power supply for the A-D converter and the D-A converter. Connect AVCC to VCC
and AVSS to VSS externally.
This is reference voltage input pin for the A-D converter and the D-A converter.
In single-chip mode, port P0 is an 8-bit I/O port. This port has an I/O direction
register and each pin can be programmed for input or output. These ports are in
the input mode when reset. Address (A0 - A7) is output in memory expansion mode
or microprocessor mode.
In single-chip mode, these pins have the same functions as port P0. Address (A8 -
A15) is output in memory expansion mode or microprocessor mode.
In single-chip mode, these pins have the same functions as port P0. Address (A16 -
A19, A23) is output in memory expansion mode or microprocessor mode.
In single-chip mode, these pins have the same functions as port P0. In memory
___ ____
_____
expansion mode or microprocessor mode, WR, BHE , ALE, and HLDA signals are
output.
In single-chip mode, these pins have the same functions as port P0. In memory
_____
expansion mode or micro processor mode, P40, P41, and P42 become HOLD and
____
RDY input pins, and clock
φ1 output pin respectively. Functions of other pins are
the same as in single-chip mode. In memory expansion mode, P42 can be
programmed as I/O port.
In addition to having the same functions as port P0 in single-chip mode, these pins
also function as I/O pins for timer A0, timer A1, timer A2, timer A3, output pins for
motor drive waveform, and input pins for key input interrupt.
In addition to having the same functions as port P0 in single-chip mode, these pins
____
also function as I/O pins for timer A4, input pins for external interrupt input INT0,
____
____
INT1, and INT2, and input pins for timer B0, timer B1, and timer B2.
In addition to having the same functions as port P0 in single-chip mode, these pins
also function as input pins for A-D converter.
In addition to having the same functions as port P0 in single-chip mode, these pins
also function as I/O pins for UART0, UART1, output pins for D-A converter, and
____
input pin for INT4.
In addition to having the same functions as port P0 in single-chip mode, these pins
____
also function as input pin for INT3, output pins for motor drive waveform.
In memory expansion mode and microprocessor mode, these pins can be
___
___
programmed as address (A20 - A22) or output pins for CS0 – CS4
Power supply
CNVSS input
Reset input
Clock input
Clock output
Enable output
Bus width select input
Analog supply input
Reference voltage input
I/O port P0
I/O port P1
I/O port P2
I/O port P3
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
I/O port P9
Note: It is impossible to change the input level of the BYTE pin in each bus cycle. In other words, bus width cannot be switched dynamically. Fix the input
level of the BYTE pin to “H” or “L” according to the bus width used.


Similar Part No. - M37754S4CHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37754S4CHP MITSUBISHI-M37754S4CHP Datasheet
1Mb / 114P
   SINGLE-CHIP 16BIT CMOS MICROCOMPUTER
More results

Similar Description - M37754S4CHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com