Electronic Components Datasheet Search |
|
M38066E6DFP Datasheet(PDF) 6 Page - Renesas Technology Corp |
|
M38066E6DFP Datasheet(HTML) 6 Page - Renesas Technology Corp |
6 / 58 page 5 MITSUBISHI MICROCOMPUTERS 3806 Group SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Function • 8-bit I/O port with the same function as port P0 • CMOS compatible input level • N-channel open-drain output structure • 8-bit CMOS I/O port with the same function as port P0 • CMOS compatible input level • CMOS 3-state output structure Pin P70/SIN2, P71/SOUT2, P72/SCLK2, _____ P73/SRDY2 P74 – P77 P80 – P87 Name I/O port P7 I/O port P8 Function except a port function • Serial I/O2 I/O pins PIN DESCRIPTION (Continued) M3806 3 M 6 - XXX FP Product Package type FP : 80P6N-A package GP : 80P6S-A package FS : 80D0 package ROM number Omitted in some types. ROM/PROM size 1 2 3 4 5 6 7 8 9 A B C D E F : 4096 bytes : 8192 bytes : 12288 bytes : 16384 bytes : 20480 bytes : 24576 bytes : 28672 bytes : 32768 bytes : 36864 bytes : 40960 bytes : 45056 bytes : 49152 bytes : 53248 bytes : 57344 bytes : 61440 bytes The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they cannot be used. Memory type M E : Mask ROM version : EPROM or One Time PROM version RAM size 0 1 2 3 4 5 6 7 : 192 bytes : 256 bytes : 384 bytes : 512 bytes : 640 bytes : 768 bytes : 896 bytes : 1024 bytes Normally, using hyphen When electrical characteristic, or division of quality identification code using alphanumeric character – : standard D : Extended operating temperature version A : High-speed version PART NUMBERING |
Similar Part No. - M38066E6DFP |
|
Similar Description - M38066E6DFP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |