Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M64898GP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M64898GP
Description  PLL Frequency Synthesizer with DC/DC Converter For PC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M64898GP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M64898GP Datasheet HTML 2Page - Renesas Technology Corp M64898GP Datasheet HTML 3Page - Renesas Technology Corp M64898GP Datasheet HTML 4Page - Renesas Technology Corp M64898GP Datasheet HTML 5Page - Renesas Technology Corp M64898GP Datasheet HTML 6Page - Renesas Technology Corp M64898GP Datasheet HTML 7Page - Renesas Technology Corp M64898GP Datasheet HTML 8Page - Renesas Technology Corp M64898GP Datasheet HTML 9Page - Renesas Technology Corp M64898GP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M64898GP
Rev.2.00 Jun 14, 2006 page 6 of 13
Electrical Characteristics
(Ta
= −20°C to +75°C, unless otherwise noted, V
CC1
= 5.0 V, V
CC2
= 9.0 V)
Limits
Item
Symbol
Test
Pin
Min.
Typ.
Max.
Unit
Test Conditions
“H” input voltage
VIH
17 to 19
3.0
VCC1
+ 0.3
V
“L” input voltage
VIL1
15
0.4
V
“L” input voltage
VIL2
17 to 19
1.5
V
“H” input current
IIH
17 to 19
10
µA
VCC1
= 5.5V, Vi = 4.0V
“L” input current
IIL1
15
−50
−80
µA
VCC1
= 5.5V, Vi = 0V
“L” input current
IIL2
17, 19
−6
−10
µA
VCC1
= 5.5V, Vi = 0.5V
Input
termina
ls
“L” input current
IIL3
18
−18
−30
µA
VCC1
= 5.5V, Vi = 0.5V
“H” input current
VOH
16
5.0
V
VCC1
= 5.5V
Lock
output
“L” input current
VOL
16
0.3
0.5
V
VCC1
= 5.5V
Output voltage
VBS
5 to 8
11.6
11.8
V
VCC2
= 9V, IO = −30mA
Band
SW
Leak current
IOlk1
5 to 8
−10
µA
VCC2
= 9V, Band SW is OFF
VO
= 0V
Output voltage
“H”
VtoH
13
30.5
V
+B = 31V
Tuning
output
Output voltage
“L”
VtoL
13
0.2
0.4
V
+B = 31V
“H” output
current
Icpo
14
270
370
µA
VCC1
= 5.0V, VO = 2.5V
Charge
pump
Leak current
IcpLK
14
50
nA
VCC1
= 5.0V, VO = 2.5V
Supply current 1
ICC1
3
20
30
mA
VCC1
= 5.5V
4 circus OFF
ICC2A
4
0.3
mA
VCC2
= 9V
1 circus ON,
Output open
ICC2B
4
4.0
6.0
mA
VCC2
= 9V
Supply
current
2
Output current 30
mA
ICC2C
4
34.0
36.0
mA
VCC2
= 9V, IO = −30mA
DC/DC Converter
Supply current (action)
ICCdc
9
1.3
3.0
mA
VCC1
= 5.5V
Output voltage
Vdo
12
28
31
35
V
VCC1
= 5.5V
OSC frequency
fOSC
11
571
kHz
VCC1
= 5.5V
Current limit detect voltage
Vipk
10
330
mV
VCC1
= 5.5V
Note:
The typical values are at VCC1
= 5.0 V, VCC2 = 9.0 V, Ta = +25°C.


Similar Part No. - M64898GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64898GP MITSUBISHI-M64898GP Datasheet
61Kb / 8P
   PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
More results

Similar Description - M64898GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M64897GP MITSUBISHI-M64897GP Datasheet
60Kb / 8P
   PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
M64898GP MITSUBISHI-M64898GP Datasheet
61Kb / 8P
   PLL FREQUENCY SYNTHESIZER WITH DC-DC CONVERTER FOR PC
logo
Renesas Technology Corp
M64897GP RENESAS-M64897GP Datasheet
233Kb / 14P
   PLL Frequency Synthesizer with DC/DC Converter for PC
logo
Rohm
BU2611A ROHM-BU2611A Datasheet
73Kb / 4P
   PLL frequency synthesizer for tuners
logo
Sanyo Semicon Device
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
logo
Rohm
BU2616F ROHM-BU2616F Datasheet
108Kb / 5P
   PLL frequency synthesizer for tuners
logo
Toshiba Semiconductor
TB31245FN TOSHIBA-TB31245FN Datasheet
267Kb / 8P
   PLL FREQUENCY SYNTHESIZER FOR PHS
logo
Rohm
BU2615S ROHM-BU2615S Datasheet
143Kb / 9P
   PLL frequency synthesizer for tuners
BU2624AF ROHM-BU2624AF Datasheet
136Kb / 9P
   PLL frequency synthesizer for tuners
BU2618FV ROHM-BU2618FV Datasheet
138Kb / 8P
   PLL frequency synthesizer for tuners
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com