Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M65762FP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M65762FP
Description  QM-Coder
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M65762FP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M65762FP Datasheet HTML 6Page - Renesas Technology Corp M65762FP Datasheet HTML 7Page - Renesas Technology Corp M65762FP Datasheet HTML 8Page - Renesas Technology Corp M65762FP Datasheet HTML 9Page - Renesas Technology Corp M65762FP Datasheet HTML 10Page - Renesas Technology Corp M65762FP Datasheet HTML 11Page - Renesas Technology Corp M65762FP Datasheet HTML 12Page - Renesas Technology Corp M65762FP Datasheet HTML 13Page - Renesas Technology Corp M65762FP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
M65762FP
REJ03F0235-0200 Rev.2.00 Sep 14, 2007
Page 10 of 34
2. Description on Register
(1) System setting register (W/R)
(Address: 0)
d7(MSB)
d0 (LSB)
SYS_REG:
PB
PI
BX
BS
DS
CB
HR
d0 (HR):
H/W reset (0: Active status, 1: Reset status)
To reset H/W, set this bit to 1 then to 0. The entire LSI including register group and line memory is
initialized by writing in this reset. However, context table RAM is not initialized.
d1 to 2 (CB):
Selects the bit width of code data bus
(d2 = 0, d1 = 0: 8-bit bus (CD0 to 7), d2 = 0, d1 = 1: 16-bit bus (CD0 to 15), d2 = 1, d1 = 0: 32-bit bus
(CD0 to 31))
Notes: 1. Prohibition of setting for d2 = 1, d1 = 1
2. For encoding in 16-/32-bit bus, the last encoding data is output followed by bit byte of "00"
(3 bytes maximum) for word alignment of encoding data at the end.
d3 (DS):
Selects data bit swap of image data bus (0: MSB first, 1: LSB first)
→ see table 3.
d4 (BS):
Selection of data bit swap of code data bus (0: MSB first, 1: LSB first)
→ see table 2.
d5 (BX):
Selection of data byte swap of code data bus
(0: low order byte first, 1: high order byte first)
→ see table 2.
Note:
BX is effective only when the host bus selects 16-bit/32-bit bus.
d6 (PI):
Selection of image data input/output I/F (0: serial I/F, 1: parallel I/F)
d7 (PB):
Selection of bit width of image data bus
(0: 32-bit bus (PD0 to 31), 1: 16-bit bus (PD0 to 15)
→ see table 3.
Note:
PB and DS are effective only when PI = 1.
Table 2
Line Up of Coded Data/Image Data in Code Data Bus
Bus Width
(CB)
Swap
(BX, BS)
Order of Data in Code Data Bus (CD)
d2
d1
d5
d4
CD31
• • •
CD24
CD23
• • •
CD16
CD15
• • •
CD8
CD7
• • •
CD0
1
0
0
0
b24
• • •
b31
b16
• • •
b23
b8
• • •
b15
b0
• • •
b7
0
1
b31
• • •
b24
b23
• • •
b16
b15
• • •
b8
b7
• • •
b0
1
0
b0
• • •
b7
b8
• • •
b15
b16
• • •
b23
b24
• • •
b31
(32 bits)
1
1
b7
• • •
b0
b15
• • •
b8
b23
• • •
b16
b31
• • •
b24
0
1
0
0
b8
• • •
b15
b0
• • •
b7
0
1
b15
• • •
b8
b7
• • •
b0
1
0
b0
• • •
b7
b8
• • •
b15
(16 bits)
1
1
b7
• • •
b0
b15
• • •
b8
0
0
0
b0
• • •
b7
(8 bits)
1
b7
• • •
b0
Note:
b0 is image data, given in time series, on the left side of the first encoding data/screen. b31 is image data, given
in time series, on the right side of the last encoding data/screen.
Table 3
Order of Image Data on Image Data Parallel Bus
Bit Width
Swap
PD31
• • • • •
PD16
PD15
• • • • •
PD0
DS = 0
p0
• • • • •
p15
p16
• • • • •
p31
PB = 0
DS = 1
p31
• • • • •
p16
p15
• • • • •
p0
DS = 0
p0
• • • • •
p15
PB = 1
DS = 1
p15
• • • • •
p0
Note:
p0 is image data on the left side of the screen. p31 is image data on the right side of the screen.


Similar Part No. - M65762FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M65762FP MITSUBISHI-M65762FP Datasheet
137Kb / 28P
   QM-CODER(purpose of reducing)
More results

Similar Description - M65762FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M65761FP RENESAS-M65761FP Datasheet
285Kb / 34P
   QM-Coder
M65761FP RENESAS-M65761FP_15 Datasheet
304Kb / 36P
   QM-Coder
logo
Mitsubishi Electric Sem...
M65762FP MITSUBISHI-M65762FP Datasheet
137Kb / 28P
   QM-CODER(purpose of reducing)
M65761FP MITSUBISHI-M65761FP Datasheet
135Kb / 29P
   SPECIFICATION OF INTEGRATED CIRCUIT(QM-CODER)
logo
ON Semiconductor
MC100SX1230 ONSEMI-MC100SX1230 Datasheet
124Kb / 8P
   CMI CODER/DECODER
1994 REV 0
logo
Gamewell-FCI by Honeywe...
1120-0499 GAMEWELL-FCI-1120-0499 Datasheet
38Kb / 1P
   Zone Coder Unit
logo
rfsolutions.ltd
QMR1 RFSOLUTIONS-QMR1 Datasheet
89Kb / 8P
   QM Receiver Module
logo
NXP Semiconductors
UDA1338H PHILIPS-UDA1338H Datasheet
235Kb / 56P
   Multichannel audio coder-decoder
2002 Nov 21
UDA1384 PHILIPS-UDA1384 Datasheet
276Kb / 55P
   Multichannel audio coder-decoder
Rev. 02-17 January 2005
logo
Hirose Electric
QM10-14R-PR HIROSE-QM10-14R-PR Datasheet
532Kb / 14P
   QM (1.78mm-070) CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com