Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSM276SR Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSM276SR
Description  Silicon Schottky Barrier Diode for Detector and Mixer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSM276SR Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSM276SR Datasheet HTML 1Page - Renesas Technology Corp HSM276SR Datasheet HTML 2Page - Renesas Technology Corp HSM276SR Datasheet HTML 3Page - Renesas Technology Corp HSM276SR Datasheet HTML 4Page - Renesas Technology Corp HSM276SR Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HSM276SR
Rev.5.00, Nov.10.2003, page 4 of 4
Package Dimensions
0.16
0 – 0.1
+ 0.10
– 0.06
3–0.4
+ 0.10
– 0.05
+ 0.3
– 0.1
(0.95) (0.95)
1.9 ± 0.2
2.8
Package Code
JEDEC
JEITA
Mass (reference value)
MPAK
Conforms
0.011 g
As of January, 2003
Unit: mm


Similar Part No. - HSM276SR

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSM276SR HITACHI-HSM276SR Datasheet
25Kb / 5P
   Silicon Schottky Barrier Diode for Balanced Mixer
logo
Guangdong Kexin Industr...
HSM276SR KEXIN-HSM276SR Datasheet
36Kb / 1P
   Silicon Schottky Barrier Diode
More results

Similar Description - HSM276SR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSU276 RENESAS-HSU276 Datasheet
61Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
HSM88WK RENESAS-HSM88WK Datasheet
64Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
HSM88WA RENESAS-HSM88WA Datasheet
64Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
HSB276S RENESAS-HSB276S Datasheet
64Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
HSU88 RENESAS-HSU88 Datasheet
61Kb / 5P
   Silicon Schottky Barrier Diode for Detector and Mixer
HSD88 RENESAS-HSD88 Datasheet
143Kb / 5P
   Silicon Schottky Barrier Diode for Detector, Mixer
logo
ON Semiconductor
NSR201MX ONSEMI-NSR201MX Datasheet
168Kb / 7P
   Schottky Barrier Diode for Mixer and Detector
January, 2019 ??Rev. 2
logo
Renesas Technology Corp
HSC88 RENESAS-HSC88 Datasheet
74Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
logo
Hitachi Semiconductor
HSC88 HITACHI-HSC88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
HSU88 HITACHI-HSU88 Datasheet
21Kb / 5P
   Silicon Schottky Barrier Diode for Various Detector, Mixer
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com