Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSM2838C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HSM2838C
Description  Silicon Epitaxial Planar Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HSM2838C Datasheet(HTML) 4 Page - Renesas Technology Corp

  HSM2838C Datasheet HTML 1Page - Renesas Technology Corp HSM2838C Datasheet HTML 2Page - Renesas Technology Corp HSM2838C Datasheet HTML 3Page - Renesas Technology Corp HSM2838C Datasheet HTML 4Page - Renesas Technology Corp HSM2838C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
HSM2838C
Rev.4.00 Mar 11, 2005 page 4 of 4
Package Dimensions
Pattern of terminal position areas
e
e1
l1
b2
b
c
A — A Section
D
A
A
b
E HE
e
A
A1
Q
c
L
A1.0
-
1.3
A1
0-
0.1
b
0.35
0.4
0.5
c
0.1
0.16
0.26
D2.7
-
3.1
E
1.35
1.5
1.65
-
0.95
-
--
e
HE
2.2
2.8
3.0
L
0.65
b2
-
-
0.55
-1.95
-
e1
l1
-
-
1.05
Q
-
0.3
-
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
SC-59A
0.011g
MASS[Typ.]
MPAK(D) / MPAK(D)V
PLSP0003ZC-A
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HSM2838C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSM2838C HITACHI-HSM2838C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results

Similar Description - HSM2838C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
1SS118 HITACHI-1SS118 Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSD119 RENESAS-HSD119 Datasheet
56Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Hitachi Semiconductor
HSM2838C HITACHI-HSM2838C Datasheet
17Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S HITACHI-HSB124S Datasheet
23Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSU119 HITACHI-HSU119 Datasheet
26Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
logo
Renesas Technology Corp
HSM2836C RENESAS-HSM2836C Datasheet
148Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2074 RENESAS-1S2074 Datasheet
238Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
1S2075 RENESAS-1S2075 Datasheet
144Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
RKS100KG RENESAS-RKS100KG Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSM124S RENESAS-HSM124S Datasheet
65Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
HSB124S RENESAS-HSB124S Datasheet
85Kb / 5P
   Silicon Epitaxial Planar Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com