Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38039F3L-XXXKP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M38039F3L-XXXKP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M38039F3L-XXXKP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M38039F3L-XXXKP Datasheet HTML 1Page - Renesas Technology Corp M38039F3L-XXXKP Datasheet HTML 2Page - Renesas Technology Corp M38039F3L-XXXKP Datasheet HTML 3Page - Renesas Technology Corp M38039F3L-XXXKP Datasheet HTML 4Page - Renesas Technology Corp M38039F3L-XXXKP Datasheet HTML 5Page - Renesas Technology Corp M38039F3L-XXXKP Datasheet HTML 6Page - Renesas Technology Corp M38039F3L-XXXKP Datasheet HTML 7Page - Renesas Technology Corp M38039F3L-XXXKP Datasheet HTML 8Page - Renesas Technology Corp M38039F3L-XXXKP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 119 page
background image
Rev.1.01
Jan 25, 2008
Page 4 of 117
REJ03B0212-0101
3803 Group (Spec.L)
Table 1
Performance overview
Parameter
Function
Number of basic instructions
71
Minimum instruction execution time
0.24
µs (Oscillation frequency 16.8 MHz)
Oscillation frequency
Oscillation frequency 16.8 MHz(Maximum)
Memory
sizes
Mask ROM version
ROM
60 Kbytes
RAM
2048 bytes
Flash memory version
ROM
60 Kbytes
RAM
2048 bytes
I/O port
P0-P6
56 pins
Software pull-up resistors
Built-in
Interrupt
21 sources, 16 vectors (8 external, 12 internal, 1 software)
Timer
8-bit
× 4 (with 8-bit prescaler), 16-bit × 1
Serial interface
8-bit
× 2 (UART or Clock-synchronized)
8-bit
× 1 (Clock-synchronized)
PWM
8-bit
× 1 (with 8-bit prescaler)
A/D converter
10-bit
× 16 channels (8-bit reading enabled)
D/A converter
8-bit
× 2 channels
Watchdog timer
16-bit
× 1
LED direct drive port
8 (average current: 15 mA, peak current: 30 mA, total current: 90 mA)
Clock generating circuits
Built-in 2 circuits
(connect to external ceramic rasonator or quartz-crystal oscillator)
Power
source
voltage
In high-speed
mode
At 16.8 MHz
Mask ROM version
4.5 to 5.5 V
Flash memory version
At 12.5 MHz
Mask ROM version
4.0 to 5.5 V
Flash memory version
At 8.4 MHz
Mask ROM version
2.7 to 5.5 V
Flash memory version
At 4.2 MHz
Mask ROM version
2.2 to 5.5 V
At 2.1 MHz
Mask ROM version
2.0 to 5.5 V
In middle-
speed mode
At 16.8 MHz
Mask ROM version
4.5 to 5.5 V
Flash memory version
At 12.5 MHz
Mask ROM version
2.7 to 5.5 V
Flash memory version
At 8.4 MHz
Mask ROM version
2.2 to 5.5 V
At 6.3 MHz
Mask ROM version
1.8 to 5.5 V
In low-speed
mode
At 32 MHz
Mask ROM version
1.8 to 5.5 V
Flash memory version 2.7 to 5.5 V
Power
dissipation
In high-speed mode
Mask ROM version
40 mW
Flash memory version 27.5 mW
In low-speed mode
Mask ROM version
45
µW
Flash memory version 1200
µW
Input/Output
characteris-
tics
Input/Output withstand voltage
VCC
Output current
10 mA
Operating temperature range
-20 to 85
°C
Device structure
CMOS sillicon gate
Package
64-pin plastic molded SDIP/LQFP/FLGA


Similar Part No. - M38039F3L-XXXKP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M38039F3L-XXXKP RENESAS-M38039F3L-XXXKP Datasheet
1Mb / 119P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38039F3L-XXXKP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com