Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2GT66AUSE Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV2GT66AUSE
Description  2-channel Analog Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT66AUSE Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV2GT66AUSE Datasheet HTML 1Page - Renesas Technology Corp HD74LV2GT66AUSE Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT66AUSE Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT66AUSE Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT66AUSE Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT66AUSE Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT66AUSE Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT66AUSE Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT66AUSE Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HD74LV2GT66A
Rev.2.00, Oct.17.2003, page 4 of 9
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
3.0
5.5
V
Input voltage range
VI
05.5
V
Input / output voltage range
VI/O
0VCC
V
0
100
VCC = 3.0 to 3.6 V
Input transition rise or fall rate
∆t / ∆v
020
ns / V
VCC = 4.5 to 5.5 V
Operating free-air temperature Ta
–40
85
°C
Note:
Unused or floating control inputs must be held high or low.
Electrical Characteristics
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol VCC (V)
Min
Typ Max Min
Typ
Max
Unit Test Conditions
3.0 to 3.6
1.5
VIH
4.5 to 5.5
2.0
3.0 to 3.6
0.6
Input voltage
VIL
4.5 to 5.5
0.8
V
Control input only
3.3
———
0.10
Hysteresis
voltage
VH
5.0
———
0.15
VVT
+ – V
T
3.0
50
150
190
On-state switch
resistance
RON
4.5
40
75
100
VIN = VCC or GND
VC = VIH
IT = 1 mA
3.0
100
180
225
Peak on
resistance
RON (P)
4.5
50
100
125
VIN = VCC to GND
VC = VIH
IT = 1 mA
3.0
10
20
30
Difference of
on-state
resistance
between
switches
∆RON
4.5
7
15
——20
VIN = VCC to GND
VC = VIH
IT = 1 mA
Off-state switch
leakage current
Is (OFF)
5.5
±0.1 —
±1.0
µAVIN = VCC, VOUT = GND
or VIN = GND,
VO = VCC, VC = VIL
On-state switch
leakage current
Is (ON)
5.5
±0.1 —
±1.0
µA VIN = VCC or GND
VC = VIH
Input current
IIN
0 to 5.5
±0.1 —
±1.0
µAVIN = 5.5 V or GND
ICC
5.5
———
10
µAVIN = VCC or GND
Quiescent
supply current
∆ICC
5.5
———
1.5
mA
VIN = 3.4 V
Control input
capacitance
CIC
3.5
pF
Switch terminal
capacitance
CIN / OUT
4.0
pF
Feed through
capacitance
CIN–OUT
0.5
pF


Similar Part No. - HD74LV2GT66AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT66A RENESAS-HD74LV2GT66A_15 Datasheet
118Kb / 12P
   2?밹hannel Analog Switch
More results

Similar Description - HD74LV2GT66AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74ALVC2G66 RENESAS-HD74ALVC2G66 Datasheet
85Kb / 14P
   2-channel Analog Switch
HD74LVC2G66 RENESAS-HD74LVC2G66 Datasheet
2Mb / 12P
   2-channel Analog Switch
HD74ALVC2G66 RENESAS-HD74ALVC2G66_15 Datasheet
111Kb / 16P
   2-channel Analog Switch
HD74LV2G66A RENESAS-HD74LV2G66A Datasheet
99Kb / 12P
   2-channel Analog Switch
logo
Texas Instruments
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
TS5A23166 TI1-TS5A23166_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-SPST Analog Switch 5V and 3.3V 2-Channel Analog Switch
TS5MP646 TI1-TS5MP646 Datasheet
1Mb / 30P
[Old version datasheet]   Lane 2:1 MIPI Switch (10-Channel, 2:1 Analog Switch)
logo
AiT Semiconductor Inc.
A4705 AITSEMI-A4705 Datasheet
674Kb / 14P
   ANALOG SWITCH 0.65, 2-CH SPDT ANALOG SWITCH
REV1.0 - OCT 2021
logo
Renesas Technology Corp
HD74LV2G66A RENESAS-HD74LV2G66A_15 Datasheet
123Kb / 14P
   2?밹hannel Analog Switch
HD74LV2GT66A RENESAS-HD74LV2GT66A_15 Datasheet
118Kb / 12P
   2?밹hannel Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com