Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2GT240AUSE Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HD74LV2GT240AUSE
Description  Dual Bus Buffer Inverted with 3-state Output / CMOS Logic Level Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT240AUSE Datasheet(HTML) 1 Page - Renesas Technology Corp

  HD74LV2GT240AUSE Datasheet HTML 1Page - Renesas Technology Corp HD74LV2GT240AUSE Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT240AUSE Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT240AUSE Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT240AUSE Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT240AUSE Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT240AUSE Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT240AUSE Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT240AUSE Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev.2.00, Oct.23.2003, page 1 of 8
HD74LV2GT240A
Dual Bus Buffer Inverted with 3–state Output /
CMOS Logic Level Shifter
REJ03D0151–0200Z
(Previous ADE-205-678A (Z))
Rev.2.00
Oct.23.2003
Description
The HD74LV2GT240A has dual bus buffer inverted with 3–state output in an 8 pin package. Two
inverters are included in one circuit. Each circuit can be independently controlled by the enable signal 1
OE
or 2
OE, which enables outputs when receiving a low-level signal. The input protection circuitry on this
device allows over voltage tolerance on the input, allowing the device to be used as a logic–level translator
from 3.0 V CMOS Logic to 5.0 V CMOS Logic or from 1.8 V CMOS logic to 3.0 V CMOS Logic while
operating at the high-voltage power supply. Low voltage and high-speed operation is suitable for the
battery powered products (e.g., notebook computers), and the low power consumption extends the battery
life.
Features
• The basic gate function is lined up as Renesas uni logic series.
• Supplied on emboss taping for high-speed automatic mounting.
• TTL compatible input level.
Supply voltage range : 3.0 to 5.5 V
Operating temperature range : –40 to +85°C
• Logic-level translate function
3.0 V CMOS logic
→ 5.0 V CMOS logic (@V
CC = 5.0 V)
1.8 V or 2.5 V CMOS logic
→ 3.3 V CMOS logic (@V
CC = 3.3 V)
• All inputs V
IH (Max.) = 5.5 V (@VCC = 0 V to 5.5 V)
All outputs VO (Max.) = 5.5 V (@VCC = 0 V, Output : Z)
• Output current ±6 mA (@V
CC = 3.0 V to 3.6 V), ±12 mA (@VCC = 4.5 V to 5.5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Ordering Information
Part Name
Package Type
Package Code
Package
Abbreviation
Taping Abbreviation
(Quantity)
HD74LV2GT240AUSE
SSOP-8 pin
TTP-8DBV
US
E (3,000 pcs/reel)


Similar Part No. - HD74LV2GT240AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT240A RENESAS-HD74LV2GT240A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer Inverted with 3?뱒tate Output / CMOS Logic Level Shifter
More results

Similar Description - HD74LV2GT240AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT240A RENESAS-HD74LV2GT240A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer Inverted with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT125A RENESAS-HD74LV2GT125A Datasheet
92Kb / 9P
   Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT126A RENESAS-HD74LV2GT126A Datasheet
88Kb / 9P
   Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT241A RENESAS-HD74LV2GT241A Datasheet
90Kb / 9P
   Dual Bus Buffer Noninverted with 3-state Output / CMOS Logic Level Shifter
HD74LV1GT125A RENESAS-HD74LV1GT125A Datasheet
116Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126A RENESAS-HD74LV1GT126A Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV2GT125A RENESAS-HD74LV2GT125A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT126A RENESAS-HD74LV2GT126A_15 Datasheet
113Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT241A RENESAS-HD74LV2GT241A_15 Datasheet
114Kb / 11P
   Dual Bus Buffer Noninverted with 3?뱒tate Output / CMOS Logic Level Shifter
HD74ALVC2G240 RENESAS-HD74ALVC2G240_15 Datasheet
131Kb / 15P
   Dual Bus Buffer Inverted with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com