Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR02AM-8-TB Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # CR02AM-8-TB
Description  Thyristor Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR02AM-8-TB Datasheet(HTML) 1 Page - Renesas Technology Corp

  CR02AM-8-TB Datasheet HTML 1Page - Renesas Technology Corp CR02AM-8-TB Datasheet HTML 2Page - Renesas Technology Corp CR02AM-8-TB Datasheet HTML 3Page - Renesas Technology Corp CR02AM-8-TB Datasheet HTML 4Page - Renesas Technology Corp CR02AM-8-TB Datasheet HTML 5Page - Renesas Technology Corp CR02AM-8-TB Datasheet HTML 6Page - Renesas Technology Corp CR02AM-8-TB Datasheet HTML 7Page - Renesas Technology Corp CR02AM-8-TB Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev.2.00,
Mar.01.2005,
page 1 of 7
CR02AM-8
Thyristor
Low Power Use
REJ03G0351-0200
Rev.2.00
Mar.01.05
Features
• I
T (AV) : 0.3 A
• V
DRM : 400 V
• I
GT : 100
µA
• Planar Passivation Type
Outline
2
1
3
PRSS0003EA-A
(Package name: TO-92)
1. Cathode
2. Anode
3. Gate
3
1
2
Applications
Solid state relay, leakage protector, fire alarm, timer, ring counter, electric blanket, protective circuit for acoustic
equipment, strobe flasher, and other general purpose control applications
Maximum Ratings
Voltage class
Parameter
Symbol
8
Unit
Repetitive peak reverse voltage
VRRM
400
V
Non-repetitive peak reverse voltage
VRSM
500
V
DC reverse voltage
VR (DC)
320
V
Repetitive peak off-state voltage
Note1
VDRM
400
V
DC off-state voltage
Note1
VD (DC)
320
V


Similar Part No. - CR02AM-8-TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR02AM-8-E RENESAS-CR02AM-8-E Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR02AM-8-ETZ RENESAS-CR02AM-8-ETZ Datasheet
89Kb / 8P
   Thyristor Low Power Use
More results

Similar Description - CR02AM-8-TB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com