Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR04AM-12 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CR04AM-12
Description  Thyristor Low Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CR04AM-12 Datasheet(HTML) 6 Page - Renesas Technology Corp

  CR04AM-12 Datasheet HTML 1Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 2Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 3Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 4Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 5Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 6Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 7Page - Renesas Technology Corp CR04AM-12 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CR04AM-12
Rev.2.00,
Mar.01.2005,
page 6 of 7
100
23
10–1
57 100 23 5 7 101 23 5 7 102
102
7
5
3
2
101
7
5
3
2
7
5
3
2
10–1
Typical Example
40
30
15
10
5
35
25
20
0
160
0
40
80
120 140
20
60
100
Distribution
Turn-On Time vs.
Gate Current
Gate Current (mA)
Turn-Off Time vs.
Junction Temperature
Junction Temperature (°C)
VD = 100V
RL = 47
RGK = 1k
Ta = 25°C
VD = 50V, VR = 50V
IT = 2A, RGK = 1k
160
120
100
40
60
20
0
160
–40 –20
20
80
140
120
80
140
060
40
100
102
100
101
102
24 5
32
4 5
3
7
7
104
7
5
3
2
103
7
5
3
2
7
5
3
2
101
Gate Trigger Current vs.
Gate Current Pulse Width
Junction Temperature (°C)
Gate Current Pulse Width (
µs)
# 1
# 2
Typical Example
IGT(DC)
10
µA
65
µA
# 1
# 2
Repetitive Peak Reverse Voltage vs.
Junction Temperature
Tj = 25°C
Typical Example


Similar Part No. - CR04AM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
CR04AM-12A-A6-B00 RENESAS-CR04AM-12A-A6-B00 Datasheet
111Kb / 9P
   Thyristor Low Power Use
CR04AM-12A-B-B00 RENESAS-CR04AM-12A-B-B00 Datasheet
111Kb / 9P
   Thyristor Low Power Use
CR04AM-12A-B-B10 RENESAS-CR04AM-12A-B-B10 Datasheet
111Kb / 9P
   Thyristor Low Power Use
CR04AM-12A-B00 RENESAS-CR04AM-12A-B00 Datasheet
111Kb / 9P
   Thyristor Low Power Use
More results

Similar Description - CR04AM-12

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CR3PM-12 RENESAS-CR3PM-12_05 Datasheet
90Kb / 8P
   Thyristor Low Power Use
CR05AM-16 RENESAS-CR05AM-16 Datasheet
121Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8 Datasheet
154Kb / 9P
   Thyristor Low Power Use
CR3PM-12G RENESAS-CR3PM-12G Datasheet
87Kb / 7P
   Thyristor Low Power Use
CR02AM-8 RENESAS-CR02AM-8 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR03AM-12 RENESAS-CR03AM-12 Datasheet
89Kb / 8P
   Thyristor Low Power Use
CR05AS-8 RENESAS-CR05AS-8_15 Datasheet
134Kb / 9P
   Thyristor Low Power Use
CR04AM-12A RENESAS-CR04AM-12A Datasheet
111Kb / 9P
   Thyristor Low Power Use
logo
Unisonic Technologies
CR03AM-16 UTC-CR03AM-16 Datasheet
153Kb / 3P
   THYRISTOR LOW POWER USE
logo
Renesas Technology Corp
CR3PM-12G RENESAS-CR3PM-12G_15 Datasheet
99Kb / 7P
   Thyristor Low Power Use
CR08AS-12 RENESAS-CR08AS-12_10 Datasheet
245Kb / 9P
   Thyristor Low Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com