Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2GT241AUSE Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74LV2GT241AUSE
Description  Dual Bus Buffer Noninverted with 3-state Output / CMOS Logic Level Shifter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GT241AUSE Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74LV2GT241AUSE Datasheet HTML 1Page - Renesas Technology Corp HD74LV2GT241AUSE Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GT241AUSE Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GT241AUSE Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GT241AUSE Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GT241AUSE Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GT241AUSE Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GT241AUSE Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GT241AUSE Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74LV2GT241A
Rev.2.00, Oct.23.2003, page 7 of 8
Vref
Vref
50%
50%
Input A
Output Y
• Waveforms – 1
• Waveforms – 2
V
– 0.3 V
OH
V
+ 0.3 V
OL
tZL
50%
50%
tLZ
tPHL
tZH
tHZ
VOH
VOL
Waveform – A
Input OE
Input
OE
Waveform – B
GND
GND
GND
VCC
tPLH
VOH
VOL
VCC
tr
10 %
10 %
90 %
90 %
tf
Vref
Vref
50%
50%
GND
VI
VI
tr
10 %
10 %
90 %
90 %
tf
Notes: 1. Input waveform : PRR
≤ 1 MHz, Zo = 50 Ω.
2. Waveform – A is for an output with internal conditions such that the output is low
except when disabled by the output control.
3. Waveform – B is for an output with internal conditions such that the output is high
except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.
VCC (V)
Vref
tr / tf
3.3±0.3
2.5 V
VI
INPUTS
50%
1.5 V
3 V
5.0±0.5
≤ 3.0 ns
≤ 3.0 ns


Similar Part No. - HD74LV2GT241AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT241A RENESAS-HD74LV2GT241A_15 Datasheet
114Kb / 11P
   Dual Bus Buffer Noninverted with 3?뱒tate Output / CMOS Logic Level Shifter
More results

Similar Description - HD74LV2GT241AUSE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GT241A RENESAS-HD74LV2GT241A_15 Datasheet
114Kb / 11P
   Dual Bus Buffer Noninverted with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT125A RENESAS-HD74LV2GT125A Datasheet
92Kb / 9P
   Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT126A RENESAS-HD74LV2GT126A Datasheet
88Kb / 9P
   Dual Bus Buffer with 3-state Output / CMOS Logic Level Shifter
HD74LV2GT240A RENESAS-HD74LV2GT240A Datasheet
92Kb / 9P
   Dual Bus Buffer Inverted with 3-state Output / CMOS Logic Level Shifter
HD74LV1GT125A RENESAS-HD74LV1GT125A Datasheet
116Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV1GT126A RENESAS-HD74LV1GT126A Datasheet
113Kb / 8P
   Bus Buffer Gate with 3.state Output / CMOS Logic Level Shifter
HD74LV2GT125A RENESAS-HD74LV2GT125A_15 Datasheet
116Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2GT126A RENESAS-HD74LV2GT126A_15 Datasheet
113Kb / 11P
   Dual Bus Buffer with 3?뱒tate Output / CMOS Logic Level Shifter
HD74LV2G241A RENESAS-HD74LV2G241A Datasheet
94Kb / 10P
   Dual Bus Buffer Noninverted with 3-state Output
logo
Hitachi Semiconductor
HD74ALVC2G241 HITACHI-HD74ALVC2G241 Datasheet
109Kb / 13P
   Dual Bus Buffer Noninverted with 3-state Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com