Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD74LV2GU04A Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD74LV2GU04A
Description  Triple Unbuffered Inverters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74LV2GU04A Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD74LV2GU04A Datasheet HTML 1Page - Renesas Technology Corp HD74LV2GU04A Datasheet HTML 2Page - Renesas Technology Corp HD74LV2GU04A Datasheet HTML 3Page - Renesas Technology Corp HD74LV2GU04A Datasheet HTML 4Page - Renesas Technology Corp HD74LV2GU04A Datasheet HTML 5Page - Renesas Technology Corp HD74LV2GU04A Datasheet HTML 6Page - Renesas Technology Corp HD74LV2GU04A Datasheet HTML 7Page - Renesas Technology Corp HD74LV2GU04A Datasheet HTML 8Page - Renesas Technology Corp HD74LV2GU04A Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
HD74LV2GU04A
Rev.3.00, Sep.22.2003, page 4 of 8
Recommended Operating Conditions
Item
Symbol
Min
Max
Unit
Conditions
Supply voltage range
VCC
1.65
5.5
V
Input voltage range
VI
05.5
V
Output voltage range
VO
0VCC
V
—1
VCC = 1.65 to 1.95 V
—2
VCC = 2.3 to 2.7 V
—6
VCC = 3.0 to 3.6 V
IOL
—12
VCC = 4.5 to 5.5 V
—–1
VCC = 1.65 to 1.95 V
—–2
VCC = 2.3 to 2.7 V
—–6
VCC = 3.0 to 3.6 V
Output current
IOH
–12
mA
VCC = 4.5 to 5.5 V
Operating free-air temperature Ta
–40
85
°C
Note:
Unused or floating inputs must be held high or low.


Similar Part No. - HD74LV2GU04A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GU04A RENESAS-HD74LV2GU04A_15 Datasheet
108Kb / 11P
   Triple Unbuffered Inverters
More results

Similar Description - HD74LV2GU04A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74LV2GU04A RENESAS-HD74LV2GU04A_15 Datasheet
108Kb / 11P
   Triple Unbuffered Inverters
logo
Integral Corp.
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
logo
Diodes Incorporated
74HCU04 DIODES-74HCU04 Datasheet
229Kb / 9P
   UNBUFFERED HEX INVERTERS
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
Renesas Technology Corp
HD74LV2G04A RENESAS-HD74LV2G04A Datasheet
85Kb / 9P
   Triple Inverters
HD74LVC3G04 RENESAS-HD74LVC3G04 Datasheet
2Mb / 9P
   Triple Inverters
logo
Hitachi Semiconductor
HD74LV2G04A HITACHI-HD74LV2G04A Datasheet
98Kb / 9P
   Triple Inverters
logo
Nexperia B.V. All right...
74HC3GU04-Q100 NEXPERIA-74HC3GU04-Q100 Datasheet
239Kb / 14P
   Triple unbuffered inverter
logo
NXP Semiconductors
74AHC3GU04 PHILIPS-74AHC3GU04_15 Datasheet
201Kb / 16P
   Triple unbuffered inverter
Rev. 5-8 May 2013
74HC3GU04 PHILIPS-74HC3GU04_15 Datasheet
198Kb / 17P
   Triple unbuffered inverter
Rev. 5-2 October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com