Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GN4014ZB4LS Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # GN4014ZB4LS
Description  Silicon IGBT Ignition Coil Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

GN4014ZB4LS Datasheet(HTML) 2 Page - Renesas Technology Corp

  GN4014ZB4LS Datasheet HTML 1Page - Renesas Technology Corp GN4014ZB4LS Datasheet HTML 2Page - Renesas Technology Corp GN4014ZB4LS Datasheet HTML 3Page - Renesas Technology Corp GN4014ZB4LS Datasheet HTML 4Page - Renesas Technology Corp GN4014ZB4LS Datasheet HTML 5Page - Renesas Technology Corp GN4014ZB4LS Datasheet HTML 6Page - Renesas Technology Corp GN4014ZB4LS Datasheet HTML 7Page - Renesas Technology Corp GN4014ZB4LS Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
GN4014ZB4LD, GN4014ZB4LS, GN4014ZB4LM
Rev.2.00
Jul. 14, 2005,
page 2 of 7
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector to Emitter breakdown
voltage
V(BR)CES
370
400
430
V
Ic = 2 mA, VGE = 0 V
Gate to Emitter breakdown voltage
V(BR)GES
±20
V
IG =
±100 µA, VCE = 0 V
Collector cutoff current
ICES
100
µA
VCE = 300 V, VGE = 0 V
Gate cutoff current
IGES
±100
µA
VGE =
±20 V, VCE = 0 V
Collector to emitter saturation
voltage
VCE(sat)1
1.4
1.7
V
IC = 8 A, VGE = 10 V
Collector to emitter saturation
voltage
VCE(sat)2
1.6
2.2
V
IC = 8 A, VGE = 4 V
Gate to emitter cutoff voltage
VGE(off)
1.3
2.2
V
IC = 1 mA, VCE = 10 V
Turn-on delay time
td(on)
0.2
µs
Rise time
tr
0.4
µs
Turn-off delay time
td (off)
1.0
µs
Fall time
tf
5
µs
VCE = 300 V, RL = 50
Ω,
VGE = 5 V, RG = 200
Input capacitance
Ciss
1110
pF
Output capacitance
Coss
75
pF
Reveres transfer capacitance
Cres
18
pF
VCE = 10 V, VGE = 0,
f = 1 MHz
Secondary breakdown energy
Es/b
230
mJ
L = 5 mH


Similar Part No. - GN4014ZB4LS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
GN4014ZB4LS RENESAS-GN4014ZB4LS Datasheet
114Kb / 8P
   Silicon IGBT Ignition Coil Driver
More results

Similar Description - GN4014ZB4LS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
GN4014ZB4LD RENESAS-GN4014ZB4LD_09 Datasheet
114Kb / 8P
   Silicon IGBT Ignition Coil Driver
logo
ON Semiconductor
FGBS3040E1-F085 ONSEMI-FGBS3040E1-F085 Datasheet
591Kb / 9P
   Integrated Smart Ignition Coil Driver
September-2017, Rev. 2
logo
STMicroelectronics
VB025MSP STMICROELECTRONICS-VB025MSP Datasheet
129Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
VB325SPTR-E STMICROELECTRONICS-VB325SPTR-E Datasheet
197Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
logo
ON Semiconductor
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 5
NGB8206NTF4G ONSEMI-NGB8206NTF4G Datasheet
129Kb / 9P
   Ignition IGBT
February, 2012 ??Rev. 9
NGD8201N ONSEMI-NGD8201N Datasheet
110Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
NGD8201N ONSEMI-NGD8201N Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
logo
STMicroelectronics
VB325 STMICROELECTRONICS-VB325 Datasheet
190Kb / 9P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER I.C.
November 2003
VB026SP STMICROELECTRONICS-VB026SP Datasheet
67Kb / 7P
   HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com