Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME5170 Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME5170
Description  Low Cost Micro Power Boost DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5170 Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME5170 Datasheet HTML 2Page - Analog Microelectronics AME5170 Datasheet HTML 3Page - Analog Microelectronics AME5170 Datasheet HTML 4Page - Analog Microelectronics AME5170 Datasheet HTML 5Page - Analog Microelectronics AME5170 Datasheet HTML 6Page - Analog Microelectronics AME5170 Datasheet HTML 7Page - Analog Microelectronics AME5170 Datasheet HTML 8Page - Analog Microelectronics AME5170 Datasheet HTML 9Page - Analog Microelectronics AME5170 Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AME, Inc.
6
AME5170
Rev.A.02
Low Cost Micro Power
Boost DC/DC Converter
n Electrical Specifications
V
IN = 3.6V, EN = VIN, TA = 25
oC, C
IN = 4.7µF, IL = 0A, unless otherwise noted.
Parameter
Symbol
Min
Typ
Max
Units
Input Voltage
VIN
1.5
5.5
V
Output Voltage Line Regulation
0.05
%V
Quiescent Current
IQ
65
75
µA
Shutdown Current
ISD
0.1
1
µA
FB Regulation Voltage
VFB
1.20
1.23
1.26
V
FB Comparator Hysteresis
VFB Hysteresis
5
mV
Switch Current Limit
ICL
300
375
450
mA
FB Pin Bias Current
IFB
1.0
µA
Switch RDSON
RDSON
0.6
1.0
1.4
Switch Off Time
tOFF
400
nS
Input Undervoltage Lockout
UVLO
1.2
1.4
V
EN Input Threshold
(High) (Enable the device)
1.5
EN Input Threshold
(Low) (Shutdown)
0.4
EN Threshold
Test Condition
EN = 0V
VIN = 2V
V
VFB = 1.23V


Similar Part No. - AME5170

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
AME5172AEEV330Z AME-AME5172AEEV330Z Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
AME5176 AME-AME5176 Datasheet
481Kb / 15P
   Synchronous Boost Converter
AME5177 AME-AME5177 Datasheet
485Kb / 14P
   Synchronous Boost Converter
More results

Similar Description - AME5170

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5125 GMT-G5125 Datasheet
493Kb / 1P
   Micro-Power Boost DC/DC Converter
G5135 GMT-G5135 Datasheet
114Kb / 1P
   Micro-Power Boost DC/DC Converter
logo
Union Semiconductor, In...
UM1665 UNIONSEMI-UM1665 Datasheet
461Kb / 15P
   Low Power DC/DC Boost Converter
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
   Low Power DC/DC Boost Converter
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
   Low Power DC/DC Boost Converter
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
   Low-Noise Boost DC-DC Converter
FP6790 FITIPOWER-FP6790 Datasheet
414Kb / 8P
   Low-Noise Boost DC-DC Converter
logo
AiT Semiconductor Inc.
A7506 AITSEMI-A7506 Datasheet
872Kb / 12P
   DC-DC CONVERTER BOOST(STEP-UP) VIN AS LOW AS 0.85V MICRO-POWER SYNC
REV2.1
logo
Texas Instruments
TPS61040-Q1 TI-TPS61040-Q1 Datasheet
288Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
TPS61040 TI-TPS61040 Datasheet
299Kb / 18P
[Old version datasheet]   LOW POWER DC/DC BOOST CONVERTER IN SOT-23 PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com