Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6205F602MR Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6205F602MR
Description  High Speed LDO Regulators Output ON-OFF Control
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6205F602MR Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6205F602MR Datasheet HTML 1Page - Torex Semiconductor XC6205F602MR Datasheet HTML 2Page - Torex Semiconductor XC6205F602MR Datasheet HTML 3Page - Torex Semiconductor XC6205F602MR Datasheet HTML 4Page - Torex Semiconductor XC6205F602MR Datasheet HTML 5Page - Torex Semiconductor XC6205F602MR Datasheet HTML 6Page - Torex Semiconductor XC6205F602MR Datasheet HTML 7Page - Torex Semiconductor XC6205F602MR Datasheet HTML 8Page - Torex Semiconductor XC6205F602MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
1/49
XC6204/XC6205 Series
High Speed LDO Regulators
Output ON-OFF Control
■GENERAL DESCRIPTION
The XC6204/6205 series are highly precise, low noise, positive voltage LDO regulators manufactured using CMOS
processes. The series achieves high ripple rejection and low dropout and consists of a standard voltage source, an error
correction, current limiter and a phase compensation circuit plus a driver transistor.
Output voltage is selectable in 0.05V steps within a range of 0.9V ~ 6.0V.
The series is also compatible with low ESR ceramic capacitors which give added output stability. This stability can be
maintained even during load fluctuations due to the excellent transient response of the series.
The current limiter's foldback circuit also operates as a short protect for the output current limiter and the output pin.
The CE function enables the output to be turned off, resulting in greatly reduced power consumption.
■APPLICATIONS
●Mobile phones
●Cordless phones
●Cameras, video recorders
●Portable games
●Portable AV equipment
●Reference voltage
●Battery powered equipment
■TYPICAL APPLICATION CIRCUIT
■FEATURES
Maximum Output Current
: 150mA (300mA=XC6204 E to H TYP.)
Dropout Voltage
: 200mV @ 100mA
60mV @ 30mA
Operating Voltage
: 2V ~ 10V
Output Voltage Range
: 1.8V ~ 6.0V (XC6204) (0.05V increments)
0.9V ~ 1.75V (XC6205) (0.05V increments)
Highly Accurate
:
±2%
Low Power Consumption : 70
μA (TYP.)
Standby Current
: Less than 0.1
μA (TYP.)
High Ripple Rejection : 70dB (10kHz) (XC6204)
60dB (10kHz) (XC6205)
Operational Temperature Range
: -40
℃ ~ 85℃
Low ESR Capacitor Compatible
: Ceramic capacitor
■TYPICAL PERFORMANCE
CHARACTERISTICS
ETR0304_004


Similar Part No. - XC6205F602MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6205 TOREX-XC6205 Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6205 TOREX-XC6205 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6205 TOREX-XC6205 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
XC6205A152DL TOREX-XC6205A152DL Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
XC6205A152DR TOREX-XC6205A152DR Datasheet
205Kb / 13P
   Low ESR Cap. Compatible Output On/Off Control
More results

Similar Description - XC6205F602MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6204 TOREX-XC6204_1 Datasheet
3Mb / 47P
   High Sprred LDO Regulators Output ON-OFF Control
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
XC6212 TOREX-XC6212 Datasheet
66Kb / 7P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Output ON/OFF Control
XC6204 TOREX-XC6204_V01 Datasheet
4Mb / 48P
   300mA/150mA High Speed LDO Regulators with ON-OFF Control
logo
Zilog, Inc.
IXD1209 ZILOG-IXD1209 Datasheet
1Mb / 27P
   High Speed LDO Regulator with ON/OFF Control
logo
Torex Semiconductor
XC6209 TOREX-XC6209_1 Datasheet
1Mb / 25P
   High Speed LDO Regulator, Low ESR Cap. Compatible, Output ON/OFF Control
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com