Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA12228F Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # HA12228F
Description  Audio Signal Processor for Car Deck (Decode only Dolby B-type NR* with PB Amp.)
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA12228F Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button HA12228F Datasheet HTML 7Page - Renesas Technology Corp HA12228F Datasheet HTML 8Page - Renesas Technology Corp HA12228F Datasheet HTML 9Page - Renesas Technology Corp HA12228F Datasheet HTML 10Page - Renesas Technology Corp HA12228F Datasheet HTML 11Page - Renesas Technology Corp HA12228F Datasheet HTML 12Page - Renesas Technology Corp HA12228F Datasheet HTML 13Page - Renesas Technology Corp HA12228F Datasheet HTML 14Page - Renesas Technology Corp HA12228F Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
HA12228F/HA12229F
Rev.2.00 Jun 15, 2005 page 11 of 48
The Sensitivity Adjustment of Music Sensor
Adjusting MS Amp. gain by external resistor, the sensitivity of music sensor can set up. The music sensor block
diagram is shown in figure 4, and frequency response is shown in figure 5.
+
+
TAI(R)
TAI(L)
Note: The impedance of MSI is 100k
Ω.
C8
0.01
µF
C6
0.33
µF
R11
330k
MSOUT
REX2
CEX2
REX1
CEX1
MS
SER
MS
REP
MS
Amp.
×1
MS
DET
MA
OUT
MSI
100k
90k
+
LPF
DET
VCC
DVCC
L/R signal
addition
25kHz
20dB
−6dB
×1
+
GND
RL
IL
Micro
computer
Figure 4 Music Sensor Block Diagram
GV2
GV1
10
100k
25k
10k
1k
f3
f4
f2
f1
f (Hz)
100
Repeat mode
Search mode
Figure 5 Frequency Response


Similar Part No. - HA12228F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
More results

Similar Description - HA12228F

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA12216F HITACHI-HA12216F Datasheet
343Kb / 53P
   Audio Signal Processor for Car Deck(Decode only Dolby B type NR with PB Amp.)
HA12192F HITACHI-HA12192F Datasheet
517Kb / 89P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
HA12228F HITACHI-HA12228F Datasheet
304Kb / 51P
   Audio Signal Processor for Car Deck(Decode only Dolby B-type NR with PB Amp.)
logo
Renesas Technology Corp
HA12216F RENESAS-HA12216F Datasheet
549Kb / 53P
   Audio Signal Processor for Car Deck (Decode only Dolby B type NR with PB Amp.)
logo
Hitachi Semiconductor
HA12163 HITACHI-HA12163 Datasheet
578Kb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B-type NR with PB Amp)
HA12173 HITACHI-HA12173 Datasheet
1Mb / 66P
   Audio Signal Processor for Car Deck and Cassette Deck (Dolby B/C-type NR with PB Amp)
HA12179F HITACHI-HA12179F Datasheet
259Kb / 40P
   Audio Signal Processer for Car Deck and Cassette Deck(Dolby B-type NR with PB Amp)
HA12203NT HITACHI-HA12203NT Datasheet
687Kb / 97P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
HA12226F HITACHI-HA12226F Datasheet
491Kb / 86P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
logo
Renesas Technology Corp
HA12226F RENESAS-HA12226F Datasheet
731Kb / 84P
   Audio Signal Processor for Cassette Deck(Dolby B-type NR with Recording System)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com