Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37270EF-XXXSP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M37270EF-XXXSP
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M37270EF-XXXSP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M37270EF-XXXSP Datasheet HTML 2Page - Renesas Technology Corp M37270EF-XXXSP Datasheet HTML 3Page - Renesas Technology Corp M37270EF-XXXSP Datasheet HTML 4Page - Renesas Technology Corp M37270EF-XXXSP Datasheet HTML 5Page - Renesas Technology Corp M37270EF-XXXSP Datasheet HTML 6Page - Renesas Technology Corp M37270EF-XXXSP Datasheet HTML 7Page - Renesas Technology Corp M37270EF-XXXSP Datasheet HTML 8Page - Renesas Technology Corp M37270EF-XXXSP Datasheet HTML 9Page - Renesas Technology Corp M37270EF-XXXSP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 95 page
background image
MITSUBISHI MICROCOMPUTERS
M37270MF-XXXSP
M37270EF-XXXSP, M37270EFSP
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER
and ON-SCREEN DISPLAY CONTROLLER
5
5 V ± 10 %
165 mW typ. (at oscillation frequency fCPU = 8 MHz, fOSD = 13 MHz)
82.5 mW typ. (at oscillation frequency fCPU = 8 MHz)
0.33mW typ. (at oscillation frequency fCLK = 32 kHz, f(XIN) = stopped)
0.055 mW (maximum)
–10 °C to 70 °C
CMOS silicon gate process
64-pin shrink plastic molded DIP
Number of display characters
Dot structure
Kinds of characters
Kinds of character sizes
Kinds of character colors
Display position (horizontal, vertical)
FUNCTIONS (continued)
OSD function
Power source voltage
Power dissipation
40 characters ! 16 lines
CC mode: 16 ! 26 dots (character part : 16 ! 20 dots)
OSD mode: 16 ! 20 dots
EXOSD mode: 16 ! 26 dots
320 kinds
(In EXOSDmode, they can be combined with 32 kinds of extra fonts)
CC mode: 2 kinds
OSD mode: 14 kinds
EXOSD mode: 6 kinds
CC mode: 7 kinds (R, G, B)
OSD mode: 15 kinds (R, G, B, I1)
EXOSD mode: 7 kinds (R, G, B, I1, I2)
256 levels (horizontal) ! 1024 levels (vertical)
Data slicer ON
Data slicer OFF
Data slicer OFF
In high-speed
mode
In low-speed
mode
In stop mode
OSD ON
OSD OFF
OSD OFF
Operating temperature range
Device structure
Package


Similar Part No. - M37270EF-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37270EF MITSUBISHI-M37270EF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37270EFSP MITSUBISHI-M37270EFSP Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
More results

Similar Description - M37270EF-XXXSP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com