Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3T-100LCC-QSD Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M3T-100LCC-QSD
Description  Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch LQFP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3T-100LCC-QSD Datasheet(HTML) 1 Page - Renesas Technology Corp

  M3T-100LCC-QSD Datasheet HTML 1Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
*All brand names and product names are trademarks or registered trademarks of their respective companies.
M3T-100LCC-QSD
Function
The M3T-100LCC-QSD is a board for converting 100-pin
0.65mm-pitch LCC (100D0) to 100-pin 0.5mm-pitch LQFP
(100P6Q-A to formerly 100P6D-A).
Application
Use the M3T-100LCC-QSD to solder the TQPACK100SD
bottom board of the M3T-100LCC-QSD to the 100-pin
0.5mm-pitch QFP (100P6Q-A) foot pattern of the target and to
insert RFS type emulator MCU into the M3T-100LCC-QSD
socket. The 100D0 package's pin No. 3 corresponds to the
100P6Q-A package's pin No. 1.
Package Components
• M3T-100LCC-QSD
• TQSOCKET100SDG (made by Tokyo Eletech Co., Ltd.)
• TQPACK100SD (made by Tokyo Eletech Co., Ltd.)
• User's manual
*Required components to connect to the target system are included with
this product package. Each component made by Tokyo Eletech Co., Ltd.
is optionally available alone from Tokyo Eletech Co., Ltd.
See Appendix G "Contact Addresses for Partner Products".
External View and Dimensions
Foot Pattern Reference Dimensions
See Appendix E "List of TQPACK/NQPACK Foot Patterns Made
by Tokyo Eletech Co., Ltd."
[Ordering Information] See Appendix H "Ordering Information".
Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.5mm-pitch
LQFP


Similar Part No. - M3T-100LCC-QSD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M3T-100LCC-80QSB RENESAS-M3T-100LCC-80QSB Datasheet
307Kb / 1P
   Converter from 100-pin 0.65mm-pitch LCC to 80-pin 0.65mm-pitch QFP(for M16C/60 Series)
M3T-100LCC-DMS RENESAS-M3T-100LCC-DMS Datasheet
184Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch LCC to M3T-DUMMY100S
More results

Similar Description - M3T-100LCC-QSD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PCA4687A RENESAS-PCA4687A Datasheet
237Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch QFP to 100-pin 0.65mm-pitch LCC
PCA4687B RENESAS-PCA4687B Datasheet
152Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch LCC to 100-pin 0.65mm-pitch LCC (for Height Adjustment)
M3T-64LCC-QSD RENESAS-M3T-64LCC-QSD Datasheet
119Kb / 1P
   Converter for Connecting 64-pin 0.8mm-pitch LCC to 64-pin 0.5mm-pitch LQFP
M3T-100LCC-DMS RENESAS-M3T-100LCC-DMS Datasheet
184Kb / 1P
   Converter for Connecting 100-pin 0.65mm-pitch LCC to M3T-DUMMY100S
M3T-FLX-100LCC RENESAS-M3T-FLX-100LCC Datasheet
146Kb / 1P
   Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.65mm-pitch LCC
M3T-FLX-100NSD RENESAS-M3T-FLX-100NSD Datasheet
361Kb / 1P
   Converter for Connecting 100-core Flexible Board FLX100 to 100-pin 0.5mm-pitch LQFP
R0E55630EDMB01 RENESAS-R0E55630EDMB01 Datasheet
309Kb / 8P
   100-pin 0.5mm-pitch LQFP
R0E5563NEDMB01 RENESAS-R0E5563NEDMB01 Datasheet
338Kb / 8P
   100-pin 0.5mm-pitch LQFP
M3T-F160-100NSD RENESAS-M3T-F160-100NSD Datasheet
150Kb / 1P
   Converter for Connecting 160-core Flexible Board FLX160 to 100-pin 0.5mm-pitch LQFP
80P6 RENESAS-80P6 Datasheet
107Kb / 1P
   Converter for Connecting 80-pin 0.8mm-pitch LCC to 80-pin 0.65mm-pitch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com